Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP10 Datasheet(PDF) 9 Page - International Rectifier

Part # IRAUDAMP10
Description  300W x 2 Channel Class D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP10 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRAUDAMP10 Datasheet HTML 5Page - International Rectifier IRAUDAMP10 Datasheet HTML 6Page - International Rectifier IRAUDAMP10 Datasheet HTML 7Page - International Rectifier IRAUDAMP10 Datasheet HTML 8Page - International Rectifier IRAUDAMP10 Datasheet HTML 9Page - International Rectifier IRAUDAMP10 Datasheet HTML 10Page - International Rectifier IRAUDAMP10 Datasheet HTML 11Page - International Rectifier IRAUDAMP10 Datasheet HTML 12Page - International Rectifier IRAUDAMP10 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.irf.com
Page 9 of 34
IRAUDAMP10 REV 1.1
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Blue
Solid
2
Fft.Ch.1 Ampl
Left
CH2
1
2
Magenta
Solid
2
Fft.Ch.2 Ampl
Left
CH1
-140
+20
-120
-100
-80
-60
-40
-20
+0
d
B
V
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
No signal, Self Oscillator @ 500kHz
Fig 6, IRAUDAMP10 Noise Floor
.
Color
S weep
Trac e
Line S ty le
Thic k
Data
A x is
Com m ent
1
1
B lue
Solid
2
Anlr.A m pl
Left
CH2-CH1
1
2
M agenta
S olid
2
A nlr.A m pl
Left
CH1-CH2
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Fig 7, Channel separation vs. frequency
.


Similar Part No. - IRAUDAMP10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com