Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX3507 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX3507
Description  Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
Upstream CATV Amplifier with
On-Chip Anti-Alias Filter
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX3507 EV Kit, VCC = +5.0V, VIN = +34dBmV, TXEN = SHDN = VCC, fIN = 20MHz, TA = +25°C, unless otherwise noted.)
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0.9
0.8
1.0
30
50
60
70
40
80
90 100 110 120
GAIN STEP IN LOW-NOISE MODE
vs. GAIN CODE
GAIN CODE
-60
-50
-40
-30
-20
-10
0
30
50
70
90
110
130
TRANSMIT NOISE vs. GAIN CODE
GAIN CODE
LOW NOISE MODE
HIGH POWER MODE
0
15
10
5
25
20
45
40
35
30
50
60
70
80
90
100
110
120
130
TRANSMIT ENABLE/DISABLE TRANSIENT
IN HIGH-POWER MODE vs. GAIN CODE
GAIN CODE
ENABLE
DISABLE
0
2
1
4
3
5
6
30
130
TRANSMIT ENABLE/DISABLE TRANSIENT
IN LOW-NOISE MODE vs. GAIN CODE
GAIN CODE
70
50
90
110
ENABLE
DISABLE
-80
-75
-70
-65
-60
-55
-50
-45
-40
535
45
55
25
15
65
2ND-ORDER HARMONIC DISTORTION
IN HIGH-POWER MODE vs. FREQUENCY
INPUT FREQUENCY (MHz)
VOUT = 64dBmV
-80
-75
-70
-65
-60
-55
-50
-45
-40
535
45
55
25
15
65
VOUT = 60dBmV
3RD-ORDER HARMONIC DISTORTION
IN HIGH-POWER MODE vs. FREQUENCY
INPUT FREQUENCY (MHz)
19.6dB
0.2dB/
div
21.6dB
1MHz
6.9MHz/div
70MHz
R = 301
C = 22pF
R = 680
C = 10pF
NO EQUALIZATION
VCC = +5.0V
D7 = 1
GC = 119
PASSBAND FLATNESS vs. RC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9503DirectDrive Video Amplifier with Reconstruction Filter 1 2 3 4 5 MoreMaxim Integrated Products
ARA1400S12CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
ARA2000S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
SA639Low voltage mixer FM IF system with filter amplifier and data switch 1 2 3 4 5 MoreNXP Semiconductors
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ARA2001S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
MAX9512Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit 1 2 3 4 5 MoreMaxim Integrated Products
NJM2567Low Voltage Video Amplifier with Y/C MIX and Filter 1 2 3 4 5 New Japan Radio
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl