Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX3507 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3507
Description  Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
Upstream CATV Amplifier with
On-Chip Anti-Alias Filter
_______________________________________________________________________________________
5
0
50
150
100
200
250
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
NO AC SIGNALS
APPLIED
HP MODE, GC = 127
LN MODE, GC = 80
TXEN = GND
50
110
90
70
130
150
170
190
210
230
250
30
40
50
60
70
SUPPLY CURRENT IN HIGH-POWER MODE
vs. OUTPUT POWER
POUT (dBmV)
NO AC SIGNALS
APPLIED
TA = +85
°C
TA = +25
°C
TA = -40
°C
40
50
60
70
80
90
100
110
120
020
10
30
40
50
60
SUPPLY CURRENT IN LOW-NOISE MODE
vs. OUTPUT POWER
POUT (dBmV)
NO AC SIGNALS APPLIED
TA = +85
°C
TA = +25
°C
TA = -40
°C
31.2
31.5
31.4
31.3
31.6
31.7
31.8
31.9
32.0
32.1
32.2
-40
10
-15
35
60
85
VOLTAGE GAIN IN HIGH-POWER MODE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VCC = +5.3V
VCC = +4.7V
GC = 127
-7.0
-6.8
-6.6
-6.4
-6.2
-6.0
-5.8
-5.6
-5.4
-40
-15
10
35
60
85
VOLTAGE GAIN IN LOW-NOISE MODE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 4.7V,
5.0V, 5.3V
GC = 80
-74
-34
-54
6
-14
26
46
1
10
100
1000
VOLTAGE GAIN IN HIGH-POWER MODE
vs. FREQUENCY
INPUT FREQUENCY (MHz)
GC = 127
GC = 119
GC = 99
GC = 79
GC = 59
-94
-54
-74
-14
-34
6
26
1
10
100
1000
VOLTAGE GAIN IN LOW-NOISE MODE
vs. FREQUENCY
INPUT FREQUENCY (MHz)
GC = 110
GC = 90
GC = 70
GC = 50
-34
-14
-24
6
-4
26
16
36
20
60
80
40
100
120
140
VOLTAGE GAIN vs. GAIN CODE
GAIN CODE
HIGH-POWER MODE
LOW-NOISE MODE
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
60
70
80
90
100
110
120
130
GAIN STEP IN HIGH-POWER MODE
vs. GAIN CODE
GAIN CODE
Typical Operating Characteristics
(MAX3507 EV Kit, VCC = +5.0V, VIN = +34dBmV, TXEN = SHDN = VCC, fIN = 20MHz, TA = +25°C, unless otherwise noted.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9503DirectDrive Video Amplifier with Reconstruction Filter 1 2 3 4 5 MoreMaxim Integrated Products
ARA1400S12CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
ARA2000S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
SA639Low voltage mixer FM IF system with filter amplifier and data switch 1 2 3 4 5 MoreNXP Semiconductors
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ARA2001S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
MAX9512Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit 1 2 3 4 5 MoreMaxim Integrated Products
NJM2567Low Voltage Video Amplifier with Y/C MIX and Filter 1 2 3 4 5 New Japan Radio
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl