Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX3507 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX3507
Description  Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Upstream CATV Amplifier with
On-Chip Anti-Alias Filter
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX3507 EV Kit, VCC = +4.75V to +5.25V, VGND = 0, VTXEN = VSHDN = VCC, VIN = +34dBmV differential, TA = -40°C to +85°C,
unless otherwise specified. A 4:1 impedance ratio (300
Ω to 75Ω) balun is connected to differential output ports and balun output is
terminated into a 75
Ω load. Typical parameters are at VCC = +5.0V, TA = +25°C.) (Note 1)
TIMING CHARACTERISTICS
(MAX3507 EV Kit, VCC = +4.75V to +5.25V, VGND = 0, VTXEN = VSHDN = VCC, TA = +25°C, unless otherwise specified.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input tones at 42MHz and 42.2MHz, both at +31dBmV,
VOUT = +58dBmV/tone
-55.4
Two-Tone Third-Order Distortion
Input tones at 65MHz and 65.2MHz, both at +31dBmV,
VOUT = +58dBmV/tone
-47.6
dBc
fIN = 33MHz, VOUT = +63dBmV
-58
fIN = 33MHz, VOUT = +60dBmV, TA = 0
°C to +85°C
-56
-50
2
ND Harmonic Distortion
fIN = 65MHz, VOUT = +60dBmV
-61
dBc
fIN = 22MHz, VOUT = +63dBmV
-53
fIN = 22MHz, VOUT = +60dBmV
-58
-51
3
RD Harmonic Distortion
fIN = 65MHz, VOUT = +60dBmV
-57
dBc
1dB Compression Point
Gain = 26dB, fIN = 65MHz
22
dBm
AM to AM
Gain = 28dB, VIN = +34dBmV to +38dBmV, fIN = 65MHz
-0.1
dB
AM to PM
Gain = 28dB, VIN = +34dBmV to +38dBmV, fIN = 65MHz
-1.3
degrees
Rejection at 135MHz
Referenced to 65MHz
36
47
dBc
Note 1: Guaranteed by design and characterization to ±3 sigma for TA < +25°C, unless otherwise specified.
Note 2: AC gain correlated to DC gain measurements to ±3 sigma.
Note 3: Guaranteed by design and characterization to ±6 sigma.
Note 4: All transients comply with DOCSIS 1.1 limits for transmit power ripple of ±0.1dB.
Note 5: Does not include output matching; see Output Match in the Applications section.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SEN to SCLK Rise Set Time
tSENS
20
ns
SEN to SCLK Rise Hold Time
tSENH
10
ns
SDA to SCLK Setup Time
tSDAS
10
ns
SDA to SCLK Hold Time
tSDAH
20
ns
SDA Pulse-Width High
tDATAH
50
ns
SDA Pulse-Width Low
tDATAL
50
ns
SCLK Pulse-Width High
tSCLKH
50
ns
SCLK Pulse-Width Low
tSCLKL
50
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9503DirectDrive Video Amplifier with Reconstruction Filter 1 2 3 4 5 MoreMaxim Integrated Products
ARA1400S12CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
ARA2000S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
SA639Low voltage mixer FM IF system with filter amplifier and data switch 1 2 3 4 5 MoreNXP Semiconductors
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ARA2001S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
MAX9512Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit 1 2 3 4 5 MoreMaxim Integrated Products
NJM2567Low Voltage Video Amplifier with Y/C MIX and Filter 1 2 3 4 5 New Japan Radio
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl