Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX3507 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3507
Description  Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
Upstream CATV Amplifier with
On-Chip Anti-Alias Filter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX3507 EV Kit, VCC = +4.75V to +5.25V, VGND = 0, VTXEN = VSHDN = VCC, D7 = 1, TA = -40°C to +85°C, unless otherwise speci-
fied. No input signal applied. A 4:1 (300
Ω to 75Ω) impedance ratio balun is connected to differential output ports and balun output is
terminated into a 75
Ω load. Typical parameters are at VCC = +5.0V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT+, OUT- to GND.....................................-0.5V to +8.0V
Input Voltage Levels (all inputs),
CEXT to GND ...........................................-0.3V to (VCC + 0.3V)
Continuous Input Voltage (IN+, IN-) ..................................2Vp-p
Continuous Current (OUT+, OUT-) ..................................120mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QFN (derate 20.8mW/°C above +70°C) ..............1.67W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +125°C
Bump Reflow Temperature ..............................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.75
5.25
V
D7 = 1, gain code = 127 (max gain)
218
280
D7 = 1, gain code = 119 (gain of 28dB)
164
D7 = 1, gain code = 64 (gain of 0dB)
82
Supply Current Transmit Mode
D7 = 0, gain code = 94 (gain of 0dB)
74
mA
Supply Current Transmit Disable
Mode
VTXEN = VEE, VSHDN = VCC
45
59
mA
Shutdown Supply Current
VTXEN = X, VSHDN = VEE
1µA
LOGIC INPUTS
Input HIGH Voltage Threshold
2.0
V
Input LOW Voltage Threshold
0.8
V
Input HIGH Current
100
µA
Input LOW Current
-100
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9503DirectDrive Video Amplifier with Reconstruction Filter 1 2 3 4 5 MoreMaxim Integrated Products
ARA1400S12CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
ARA2000S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
SA639Low voltage mixer FM IF system with filter amplifier and data switch 1 2 3 4 5 MoreNXP Semiconductors
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ARA2001S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
MAX9512Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit 1 2 3 4 5 MoreMaxim Integrated Products
NJM2567Low Voltage Video Amplifier with Y/C MIX and Filter 1 2 3 4 5 New Japan Radio
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl