Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX3507 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX3507
Description  Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX3507 is a variable-gain power amplifier for use
in CATV upstream transmitters. The variable-gain fea-
ture has 55dB of dynamic range and is controlled by a
3-wire SPI™ bus. The device is capable of generating
+64dBmV output (16QAM/QPSK) when driven with a
+34dBmV nominal input signal. The on-chip anti-alias
lowpass filter with 75MHz cutoff frequency saves sys-
tem design cost and space. The optional positive slope
generator provides system design flexibility.
The device operates from a single +5V supply and
draws 220mA nominal during transmit at max gain
(100% duty cycle). For burst-type transmissions, the
device is shut off between bursts to minimize noise and
save power while still maintaining a match at the output.
The device is optimized for high linearity with harmonic
levels below -55dBc.
The MAX3507 is available in a 28-pin QFN package
and operates over the extended industrial temperature
range (-40°C to +85°C).
Applications
Cable Modem Upstream Transmitter
Set-Top Box Upstream Transmitter
Telephony Over Cable
Features
o Built-In 5th-Order Elliptic Anti-Aliasing Filter
o 5MHz to 65MHz Operation
o 55dB Gain Control Range
o Optional Positive Slope Generator
o 55dB Spurious-Free Dynamic Range Over
Transmit Band
Upstream CATV Amplifier with
On-Chip Anti-Alias Filter
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
28
26
25
24
23
22
27
16
17
15
20
21
18
19
10
812
13
911
14
5
4
3
2
1
7
6
VCC
VCC
BIASF
DC+
DC-
GND
IN+
IN-
VCC
4:1
IMPEDANCE
RATIO
TXEN
N.C.
N.C.
CEXT
N.C.
OUT+
OUT-
DIGITAL
CONTROL
LINES
VCC
OPTIONAL
EQUALIZER
5-POLE
ELLIPTIC
FILTER
VCC
VCC
SERIAL DATA
GAIN
CONTROL
BIAS
CIRCUIT
MAX3507
Typical Operating Circuit
19-2092; Rev 0; 7/01
Pin Configuration appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP. RANGE
PIN-PACKAGE
MAX3507EGI
-40°C to +85°C
28 QFN
SPI is a trademark of Motorola, Inc.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9503DirectDrive Video Amplifier with Reconstruction Filter 1 2 3 4 5 MoreMaxim Integrated Products
ARA1400S12CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
ARA2000S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
SA639Low voltage mixer FM IF system with filter amplifier and data switch 1 2 3 4 5 MoreNXP Semiconductors
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ARA2001S23CATV Reverse Amplifier with step Attenuator 1 2 3 4 5 MoreANADIGICS, Inc
MAX9512Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit 1 2 3 4 5 MoreMaxim Integrated Products
NJM2567Low Voltage Video Amplifier with Y/C MIX and Filter 1 2 3 4 5 New Japan Radio
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl