Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP5 Datasheet(PDF) 11 Page - International Rectifier

Part # IRAUDAMP5
Description  120W x 2 Channel Class D Audio Power Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP5 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAUDAMP5 Datasheet HTML 7Page - International Rectifier IRAUDAMP5 Datasheet HTML 8Page - International Rectifier IRAUDAMP5 Datasheet HTML 9Page - International Rectifier IRAUDAMP5 Datasheet HTML 10Page - International Rectifier IRAUDAMP5 Datasheet HTML 11Page - International Rectifier IRAUDAMP5 Datasheet HTML 12Page - International Rectifier IRAUDAMP5 Datasheet HTML 13Page - International Rectifier IRAUDAMP5 Datasheet HTML 14Page - International Rectifier IRAUDAMP5 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
www.irf.com
Page 10 of 49
IRAUDAMP5 REV 3.3
frequencies of 400 kHz and greater; lower switching frequencies may require additional filter
components.
+VCC is referenced to –B and provides the supply voltage to the LO gate driver. D6 and C5 form
a bootstrap supply that provides a floating voltage to the HO gate driver. The VAA and VSS
input supplies are derived from +B and -B via R52 and C18, and R50 and C12, respectively.
Thus, a fully functional Class D PWM amplifier plus driver circuit is realized in an SO16
package with just a few small components.
+
-
.
.
.
R13
IN-
COMP
C23
.
R33
-VSS
+VAA
IRS2092S
LO
VS
VCC
VB
0V
0V
R52
HO
C23A
INPUT
C21
R31
C12
R50
+VCC
Integrator
COM
R30
Modulator
and
Shift level
GND
0V
-B
DirectFet
0V
LP Filter
L1
DirectFet
C18
R32
+B
IRF6645
Q4
IRF6645
Q3
Simplified Block Diagram of IRAUDAMP5 Class D Amplifier
Fig 10
System overview
IRS2092S Gate Driver IC
The IRAUDAMP5 uses the IRS2092S, a high-voltage (up to 200V), high-speed power MOSFET
PWM generator and gate driver with internal dead-time and protection functions specifically
designed for Class D audio amplifier applications. These functions include OCP and UVP. Bi-
directional current protection for both the high-side and low-side MOSFETs are internal to the
IRS2092S, and the trip levels for both MOSFETs can be set independently. In this design, the
dead time can be selected for optimized performance by minimizing dead time while preventing
shoot-through. As a result, there is no gate-timing adjustment on the board. Selectable dead time
through the DT pin voltage is an easy and reliable function which requires only two external
resistors, R11 and R9 as shown on Fig11 below.


Similar Part No. - IRAUDAMP5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
More results

Similar Description - IRAUDAMP5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP3 IRF-IRAUDAMP3 Datasheet
3Mb / 40P
   120W x 6 Channel Class D Audio Power Amplifier using IRS20124S and IRF6645
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com