Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMY20UP60B Datasheet(PDF) 3 Page - International Rectifier

Part # IRAMY20UP60B
Description  Temperature Monitor and Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 3 Page - International Rectifier

  IRAMY20UP60B_15 Datasheet HTML 1Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 2Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 3Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 4Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 5Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 6Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 7Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 8Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IRAMY20UP60B
www.irf.com
3
Symbol
Parameter
Min
Max
Units
IBDF
Bootstrap Diode Peak Forward
Current
---
4.5
A
PBR Peak
Bootstrap Resistor Peak Power
(Single Pulse)
---
25.0
W
VS1,2,3
High side floating supply offset
voltage
VB1,2,3 - 25
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
600
V
VCC
Low Side and logic fixed supply
voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, ITrip
-0.3
Lower of
(VSS+15V) or
VCC+0.3V
V
Absolute Maximum Ratings (Continued)
All voltages are absolute referenced to COM/ITRIP.
Conditions
tP= 10ms,
TJ = 150°C, TC=100°C
tP=100µs, TC =100°C
ESR / ERJ series
Inverter Section Electrical Characteristics @TJ= 25°C
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CES
Collector-to-Emitter Breakdown
Voltage
600
---
---
V
∆V(BR)CES / ∆T
Temperature Coeff. Of
Breakdown Voltage
---
0.3
---
V/°C
---
1.75
2.15
---
2.00
2.50
---
5
80
---
80
---
---
1.9
2.6
---
1.6
2.3
--
--
1.25
---
---
1.10
RBR
Bootstrap Resistor Value
---
22
---
∆RBR/RBR
Bootstrap Resistor Tolerance
---
---
±5
%
IBUS_TRIP
Current Protection Threshold
(positive going)
26
---
34
A
VIN=5V, IC=250µA
IC=10A, VCC=15V, TJ=125°C
VIN=5V, V
+=600V
VIN=5V, V
+=600V, TJ=125°C
VIN=5V, IC=1.0mA
(25°C - 150°C)
IF=1A, TJ=125°C
IC=10A, VCC=15V
IC=10A, TJ=125°C
TJ=-40°C to 125°C
See Fig. 2
TJ=25°C
TJ=25°C
IC=10A
IF=1A
V
VBDFM
Bootstrap Diode Forward Voltage
Drop
V
Conditions
ICES
Zero Gate Voltage Collector
Current
µA
VCE(ON)
Collector-to-Emitter Saturation
Voltage
V
VFM
Diode Forward Voltage Drop


Similar Part No. - IRAMY20UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMY20UP60B IRF-IRAMY20UP60B Datasheet
335Kb / 16P
   iMOTION Series 20A, 600V
More results

Similar Description - IRAMY20UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B_15 Datasheet
225Kb / 16P
   Temperature Monitor and Protection
IRAM136-3063B IRF-IRAM136-3063B_15 Datasheet
237Kb / 17P
   Temperature Monitor and Protection
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
logo
Maxim Integrated Produc...
MAX1978EVKIT MAXIM-MAX1978EVKIT Datasheet
310Kb / 12P
   Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com