Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3381EEUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3381EEUP
Description  2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3381EEUP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3381EEUP Datasheet HTML 2Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 3Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 4Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 5Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 6Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 7Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 8Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 9Page - Maxim Integrated Products MAX3381EEUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
+2.35V to +5.5V, 1µA, 2Tx/2Rx RS-232 Transceivers
with ±15kV ESD-Protected I/O and Logic Pins
6
_______________________________________________________________________________________
Detailed Description
The MAX3380E/MAX3381E are RS-232 transceivers that
maximize battery life by reducing current consumption
at low battery levels. When the supply voltage is above
+3.7V, the RS-232 outputs are at ±5.5V, which is com-
pliant with the RS-232 standard. As the supply voltage
drops below the +3.1V set point, the RS-232 outputs
change to ±3.7V, which is compatible with the RS-232
standard. The outputs will remain at the compatible lev-
els until the supply voltage rises above +3.5V, where
they return to compliant levels. 400mV of hysteresis pro-
tects against power-supply bounce that may cause
numerous mode changes.
Most devices that use charge pumps to double and
invert voltages consume higher current when the supply
voltage is less than half of the required output voltage.
This is due to the fact that the charge pump is constant-
ly operating because the output voltage is below the
regulation voltage. This requires more supply current
because the output will never reach the regulation volt-
age and switch off. The MAX3380E/MAX3381E reduce
the output voltage requirement allowing the charge
pump to operate with supply voltages down to +2.35V.
Dual-Mode Regulated Charge-Pump
Voltage Converter
The MAX3380E/MAX3381Es’ internal power supply is a
dual-mode regulated charge pump. The output regula-
tion point depends on VCC and the direction in which
VCC moves through the switchover region of +2.95V <
VCC < +3.7V.
For supply voltages above +3.7V, the charge pump will
generate +5.5V at V+ and -5.5V at V-. The charge
pumps operate in a discontinuous mode. If the output
voltages are less than ±5.5V, the charge pumps are
enabled; if the output voltages exceed ±5.5V, the
charge pumps are disabled.
For supply voltages below +2.95V, the charge pump
will generate +4.0V at V+ and -4.0V at V-. The charge
pumps operate in a discontinuous mode.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies (see Typical Operating Circuit).
Pin Description
PIN
NAME
FUNCTION
ESD
PROTECTED
1
C1+
Positive Terminal of Voltage-Doubler Charge-Pump Capacitor
2
V+
+5.5V/+4.0V Generated by the Charge Pump
3
C1-
Negative Terminal of Voltage-Doubler Charge-Pump Capacitor
4
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
5
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
6
V-
-5.5V/-4.0V Generated by the Charge Pump
7
INVALID
INVALID is asserted if any inputs of the receivers are in an invalid state;
-0.3V < VR_IN < +0.3V
8, 9
T_IN
TTL/CMOS Transmitter Inputs Referenced to VL (T1IN, T2IN)
10, 11
R_OUT
TTL/CMOS Receiver Outputs Referenced to VL (R2OUT, R1OUT)
12
FORCEON
Force-On Input. Drive high to override automatic circuitry keeping transmitters on
(
FORCEOFF must be high) (Table 1).
13
VL
Logic Level Supply. +1.65V to +5.5V, sets CMOS logic thresholds and CMOS
outputs.
14, 15
R_IN
RS-232 Receiver Inputs (R2IN, R1IN)
16, 17
T_OUT
RS-232 Transmitter Outputs (T2OUT, T1OUT)
18
GND
Ground
19
FORCEOFF
Force-Off Input. Drive low to shut down transmitters and on-board power supply.
This overrides all automatic circuitry and FORCEON (Table 1).
20
VCC
+2.35V to +5.5V Supply Voltage


Similar Part No. - MAX3381EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3384 MAXIM-MAX3384 Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results

Similar Description - MAX3381EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
   3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Sipex Corporation
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Sipex Corporation
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com