Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACVX1220 Datasheet(PDF) 1 Page - Abracon Corporation

Part No. ACVX1220
Description  TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo 

ACVX1220 Datasheet(HTML) 1 Page - Abracon Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
ABRACON P/N
ACVX1220 Series
Operating Temperature
Storage Temperature
Freq. Stability vs. Temperature
Freq. Stability vs. Aging
Freq. Stability vs. Supply Volt.
Supply Voltage (Vdd)
Output Load
Output Voltage
Transfer Function
Control Voltage (Vc)
Center Voltage
Frequency Deviation
Linearity
Start-up Time
| | | | | | | | | | | | | | |
ACVX1220
20.2 x 12.6 x 8.0mm
• Phase locked loops (PLLs)
• Clock recovery
• Synthesizers
• Reference signal tracking
• Large frequency pulling available
• Hermetically sealed
• Tight Symmetry Available
1.0MHz to 160.0MHz
0°C to + 70°C (see options)
-40°C to + 85°C
± 100ppm max. (see options)
± 5ppm/yr max.
± 5ppm max.
5.0 Vdc ±5%
Symmetry
40/60% max. @ 1/2 Vdd (see option)
Rise & Fall Time (Tr/Tf)
10ns max.
Supply Current (Idd)
See Table 1
TTL/CMOS (15pF or 5TTL gate)
0.5Vdc to 4.5Vdc
2.5 VDC ±0.5V
± 100ppm min. (see options)
± 10% max.
10ms. max.
VOH=0.9*Vdd min. ; VOL=0.4*Vdd max.
Positive
Pb RoHS
Compliant
TTL/CMOS FULL-SIZE DIP VOLTAGE
CONTROLLED CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.03.07
Visit www.abracon.com for Terms & Conditions of Sale
1
e
l
b
a
T
Freq
MHz
Idd max.
mA
<=24
25
<=45
30
<=70
60
<=160
90
Y
±10ppm
G
Gull Wing
J
±20ppm
Q45
0.45(11.43)
R
±25ppm
Q40
0.40(10.16)
D
-10°C to +60°C
K
±30ppm
Q35
0.35(8.89)
E
-20°C to +70°C
H
±35ppm
Q30
0.30(7.62)
F
-30°C to +70°C
C
±50ppm
Q25
0.25(6.35)
N
-30°C to +85°C
Q20
0.20(5.08)
L
-40°C to +85°C
Q15
0.15(3.81)
S
45/55%@0.5Vdd
Q10
0.10(2.54)
S1
45/55%@1.4Vdd
N05
± 50ppm
N15
± 150ppm
N20
± 200ppm
N25
± 250ppm
N30
± 300ppm
ACVX1220 - Frequency - - - - -
Pulling
XXX.XXXMHz
Trimed Lead
Operating Temp.
Frequency Stability
Symmetry
Frequency


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn