Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3387E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3387E
Description  3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3387E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3387E Datasheet HTML 1Page - Maxim Integrated Products MAX3387E Datasheet HTML 2Page - Maxim Integrated Products MAX3387E Datasheet HTML 3Page - Maxim Integrated Products MAX3387E Datasheet HTML 4Page - Maxim Integrated Products MAX3387E Datasheet HTML 5Page - Maxim Integrated Products MAX3387E Datasheet HTML 6Page - Maxim Integrated Products MAX3387E Datasheet HTML 7Page - Maxim Integrated Products MAX3387E Datasheet HTML 8Page - Maxim Integrated Products MAX3387E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX3387E 3V powered EIA/TIA-232 and V.28/V.24
is a communications interface with low power require-
ments, high data-rate capabilities, and enhanced elec-
trostatic discharge (ESD) protection. The MAX3387E
has three receivers and three transmitters. All RS-232
inputs and outputs are protected to ±15kV using the
IEC 1000-4-2 Air-Gap Discharge method, ±8kV using
the IEC 1000-4-2 Contact Discharge method, and
±15kV using the Human Body Model.
A proprietary low-dropout transmitter output stage
enables true RS-232 performance from a +3.0V to
+5.5V supply with a dual charge pump. The charge
pump requires only four small 0.1µF capacitors for
operation from a +3.3V supply. The MAX3387E is capa-
ble of running at data rates up to 250kbps while main-
taining RS-232 compliant output levels.
The MAX3387E has a unique VL pin that allows interop-
eration in mixed-logic voltage systems. Both input and
output logic levels are pin programmable through the
VL pin. The MAX3387E is available in a space-saving
TSSOP package.
Applications
Subnotebook/Palmtop Computers
PDAs and PDA Cradles
Cell Phone Data Cables
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Features
o VL Pin for Compatibility with Mixed-Voltage
Systems
o ±15kV ESD Protection on Rx Inputs and Tx Outputs
o Low 300µA Supply Current
o Guaranteed 250kbps Data Rate
o 1µA AutoShutdown Plus™ with Receivers Active
o Meets EIA/TIA-232 Specifications Down to 3.0V
3V, ±15kV ESD-Protected, AutoShutdown Plus
RS-232 Transceiver for PDAs and Cell Phones
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
FORCEOFF
VCC
GND
T1OUT
C2+
C1-
V+
C1+
TOP VIEW
T2OUT
T3OUT
R1IN
R2IN
T2IN
T1IN
V-
C2-
16
15
14
13
9
10
11
12
R3IN
VL
R1OUT
R2OUT
R3OUT
FORCEON
T3IN
INVALID
TSSOP
MAX3387E
C1
0.1
µF
C2
0.1
µF
MAX3387E
R2OUT
13
R1OUT
14
R2IN 17
GND
22
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
8
T1IN
7
C2-
5
C2+
4
C1-
3
C1+
1
R1IN 18
T2OUT 20
T1OUT 21
V-
6
V+
2
VCC
VL
C4
0.1
µF
23
15
CBYPASS
+3.3V
T3IN
10
T3OUT 19
RS-232
INPUTS
TTL/CMOS
OUTPUTS
C3
0.1
µF
5k
5k
VL
VL
R3OUT
12
R3IN 16
5k
VL
FORCEOFF
24
INVALID
9
11
FORCEON
Typical Operating Circuit
19-1561; Rev 1; 10/99
Pin Configuration
Ordering Information
AutoShutdown Plus is a trademark of Maxim Integrated Products.
PART
MAX3387ECUG
MAX3387EEUG
TEMP. RANGE
0°C to +70°C
-40°C to +85°C
PIN-PACKAGE
24 TSSOP
24 TSSOP


Similar Part No. - MAX3387E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387ECUG++ MAXIM-MAX3387ECUG+ Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387EEUG++ MAXIM-MAX3387EEUG+ Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
More results

Similar Description - MAX3387E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com