Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3385EEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3385EEAP
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3385EEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3385EEAP Datasheet HTML 2Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 3Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 4Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 5Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 6Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 7Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 8Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 9Page - Maxim Integrated Products MAX3385EEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
down is typically 100µs, as shown in Figure 2. Connect
SHDN to VCC if the shutdown mode is not used.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The driver outputs and receiver inputs of the
MAX3385E have extra protection against static electric-
ity. Maxim’s engineers have developed state-of-the-art
structures to protect these pins against ESD of ±15kV
without damage. The ESD structures withstand high
ESD in all states: normal operation, shutdown, and
powered down. After an ESD event, Maxim’s “E” ver-
sions keep working without latchup, whereas compet-
ing RS-232 products can latch and must be powered
down to remove latchup.
ESD protection can be tested in various ways; the
transmitter outputs and receiver inputs of this product
family are characterized for protection to the following
limits:
1) ±15kV using the Human Body Model
2) ±8kV using the contact-discharge method specified
in IEC 1000-4-2
3) ±15kV using IEC 1000-4-2’s air-gap method.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 3a shows the Human Body Model, and Figure
3b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX3385E helps you
design equipment that meets Level 4 (the highest level) of
IEC 1000-4-2, without the need for additional ESD-pro-
tection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 4a shows the IEC 1000-4-2 model, and
Figure 4b shows the current waveform for the 8kV IEC
1000-4-2 Level 4 ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method con-
nects the probe to the device before the probe is ener-
gized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. Of course, all pins require this protec-
tion during manufacturing, not just RS-232 inputs and
outputs. Therefore, after PC board assembly, the
Machine Model is less relevant to I/O ports.
Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
tors for 3.3V operation. For other supply voltages, refer
to Table 2 for required capacitor values. Do not use val-
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
40
µs/div
SHDN
T2OUT
T1OUT
5V/div
0
2V/div
0
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 2. Transmitter Outputs Exiting Shutdown or
Powering Up
0.1
0.047
C1, CBYPASS
(µF)
0.1
0.1
0.33
C2, C3, C4
(µF)
0.47
3.0 to 3.6
4.5 to 5.5
VCC
(V)
3.0 to 5.5
Table 2. Required Minimum Capacitance
Values
6
_______________________________________________________________________________________


Similar Part No. - MAX3385EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX3380E-MAX3381E MAXIM-MAX3380E-MAX3381E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
More results

Similar Description - MAX3385EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
logo
STMicroelectronics
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
STMicroelectronics
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
   짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com