Electronic Components Datasheet Search |
|
LIH1006 Datasheet(PDF) 11 Page - LUXPIA |
|
LIH1006 Datasheet(HTML) 11 Page - LUXPIA |
11 / 14 page 10/13 (Tentative 1.0) (6) Soldering Conditions • The LEDs can be soldered in place using the reflow soldering method. Luxpia does not make any guarantee on the LEDs after they have been assembled using the dip soldering method. • Recommended soldering conditions Reflow Soldering Hand Soldering Pre-Heat Pre-Heat Time Peak Temperature Soldering Time Condition Lead Solder Lead-free Solder Temperature Soldering Time 350℃ Max. 3sec Max. (one time only) 120~150℃ 120sec Max. 240℃ Max. 10sec Max. refer to profile ① 180~200℃ 120sec Max. 260℃ Max. 10sec Max. refer to profile ② * Although the recommended soldering conditions are specified in the above table, reflow soldering at the lowest possible temperature is desirable for the LEDs. * A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature. [Temperature-Profile (surface of circuit board)] Use the conditions shown to the following figures. <① : Lead Solder> <② : Lead-free Solder> • Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere during air reflow. It is recommended that the User use the nitrogen reflow method. • Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, a double- head soldering iron should be used. It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing. |
Similar Part No. - LIH1006 |
|
Similar Description - LIH1006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |