Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM1056N Datasheet(PDF) 9 Page - LUXPIA

Part # LBM1056N
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBM1056N Datasheet(HTML) 9 Page - LUXPIA

Back Button LBM1056N Datasheet HTML 5Page - LUXPIA LBM1056N Datasheet HTML 6Page - LUXPIA LBM1056N Datasheet HTML 7Page - LUXPIA LBM1056N Datasheet HTML 8Page - LUXPIA LBM1056N Datasheet HTML 9Page - LUXPIA LBM1056N Datasheet HTML 10Page - LUXPIA LBM1056N Datasheet HTML 11Page - LUXPIA LBM1056N Datasheet HTML 12Page - LUXPIA LBM1056N Datasheet HTML 13Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8/15
(Tentative 1.0)
9. Cautions
The LEDs are device which are materialized by combining Blue LEDs and special phosphors. Consequently,
the color of White LEDs is subject to change a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Moisture-Proof Package
• When moisture is absorbed into the SMT package it may vaporize and expand products during soldering.
There is a possibility that this may cause exfoliation of the contacts and damage to the optical characteristics
of the LEDs. For this reason, the moisture-proof package is used to keep moisture to a minimum in the
package.
• A package of a moisture-absorbent material (silica gel) is inserted into the shielding bag. The silica gel
changes its color from blue to pink as it absorbs moisture.
(2) Storage
• Storage Conditions
- Before opening the package :
The LEDs should be kept at 5℃~30
or less and
65%RH or less. The LEDs should be used within a year.
When storing the LEDs, moisture-proof packaging with moisture-absorbent material (silica gel) is
recommended.
- After opening the package :
The LEDs should be kept at 5℃~40
or less and
30%RH or less. The LEDs should be soldered within 168
hours (7 days) after opening the package. If unused LEDs remain, they should be stored in moisture-proof
packages, such as sealed containers with packages of moisture-absorbent material (silica gel). It is also
recommended to return the LEDs to the original moisture-proof bag and to reseal the moisture-proof bag
again.
• If the moisture-absorbent material (silica gel) has faded away or the LEDs have exceeded the recommended
storage time, baking treatment should be performed using the following conditions.
- Baking treatment : more than 24 hours at 65±5℃
• After assembly and during use, silver plating can be affected by the corrosive gases emitted by components
and materials in close proximity of the LEDs within an end product, and the gases entering into the product
from the external atmosphere. The above should be taken into consideration when designing.
• Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
• Thermal design of the end product is of paramount importance. Please consider the heat generation of the
LED when the system is designed. The coefficient of temperature increase per input electric power is
affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as
other components. It is necessary to avoid intense heat generation and operate within the maximum ratings
given in the specification.
• The operating current should be decided after considering the ambient maximum temperature of LEDs.


Similar Part No. - LBM1056N

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBM1052N LUXPIA-LBM1052N Datasheet
577Kb / 16P
   Specification for Approval
LBM1052N LUXPIA-LBM1052N_13 Datasheet
577Kb / 16P
   Specification for Approval
More results

Similar Description - LBM1056N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com