Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3316E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3316E
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3316E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3316E Datasheet HTML 2Page - Maxim Integrated Products MAX3316E Datasheet HTML 3Page - Maxim Integrated Products MAX3316E Datasheet HTML 4Page - Maxim Integrated Products MAX3316E Datasheet HTML 5Page - Maxim Integrated Products MAX3316E Datasheet HTML 6Page - Maxim Integrated Products MAX3316E Datasheet HTML 7Page - Maxim Integrated Products MAX3316E Datasheet HTML 8Page - Maxim Integrated Products MAX3316E Datasheet HTML 9Page - Maxim Integrated Products MAX3316E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
6
_______________________________________________________________________________________
0
100
300
200
400
500
0
1000
500
1500
2000
2500
3000
TRANSMITTER SKEW vs.
LOAD CAPACITANCE (
tPLH - tPHL)
LOAD CAPACITANCE (pF)
MAX3316E/MAX3317E
MAX3318E/MAX3319E
T1 TRANSMITTING AT 460kbps
T2 TRANSMITTING AT 20kbps
0
10
5
20
15
25
30
-40
0
20
-20
40
60
80
MAX3318E/MAX3319E
READY TURN-ON TIME
vs. TEMPERATURE
TEMPERATURE (°C)
0
40
120
80
160
200
-40
0
-20
20
40
60
80
MAX3318E/MAX3319E
READY TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics (continued)
(VCC = +2.5V, C1–C4 = 0.1µF, 460kbps data rate, all transmitters loaded with 3k
Ω, TA = +25°C, unless otherwise noted.)
Pin Description
MAX3318E
2
3
4
8, 17
7
6
5
19
18
12, 13
10, 15
9, 16
No Connection
Receiver Enable, Active Low
FUNCTION
Positive Terminal of Voltage-Doubler Charge-
Pump Capacitor
+2
· VCC Generated by the Charge Pump
Negative Terminal of Voltage-Doubler Charge-
Pump Capacitor
RS-232 Transmitter Outputs
-2
· VCC Generated by the Charge Pump
Negative Terminal of Inverting Charge-Pump
Capacitor
Positive Terminal of Inverting Charge-Pump
Capacitor
+2.25V to +3.0V Single-Supply Voltage
Ground
CMOS Transmitter Inputs
CMOS Receiver Outputs
RS-232 Receiver Inputs
MAX3319E
2
3
4
13
7
6
5
15
14
11
9
8
N.C.
EN
NAME
C1+
V+
C1-
T_OUT
V-
C2-
C2+
VCC
GND
T_IN
R_OUT
R_IN
1, 10, 11, 20
11, 14
1
MAX3316E
MAX3317E
1
2
2
PIN
2
3
3
3
4
4
7, 14
8, 17
8, 17
6
7
7
5
6
6
4
5
5
16
19
19
15
18
18
10, 11
13, 14
12, 13
9, 12
12, 15
10, 15
8, 13
9, 16
9, 16
SSOP
TSSOP


Similar Part No. - MAX3316E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316EAE MAXIM-MAX3316EAE Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX3316EUP MAXIM-MAX3316EUP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
More results

Similar Description - MAX3316E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com