Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX325CUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX325CUA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325CUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX325CUA Datasheet HTML 1Page - Maxim Integrated Products MAX325CUA Datasheet HTML 2Page - Maxim Integrated Products MAX325CUA Datasheet HTML 3Page - Maxim Integrated Products MAX325CUA Datasheet HTML 4Page - Maxim Integrated Products MAX325CUA Datasheet HTML 5Page - Maxim Integrated Products MAX325CUA Datasheet HTML 6Page - Maxim Integrated Products MAX325CUA Datasheet HTML 7Page - Maxim Integrated Products MAX325CUA Datasheet HTML 8Page - Maxim Integrated Products MAX325CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0
2
8
10
RON vs. VCOM
60
70
VCOM (V)
4
6
12
40
10
50
20
30
80
A: V+ = 3V
B: V+ = 5V
C: V+ = 12V
A
B
C
0
0
1
4
RON vs. VCOM OVER TEMPERATURE
50
VCOM (V)
2
3
5
30
10
40
20
60
V+ = 5V
A: TA = -55°C
B: TA = +25°C
C: TA = +85°C
D: TA = +125°C
D
C
B
A
0
0
2
∆RON vs. VCOM OVER TEMPERATURE
VCOM (V)
3
4
0.6
0.2
0.8
0.4
1
5
1
A: TA = -55°C
B: TA = +25°C
C: TA = +85°C
D: TA = +125°C
D
B
C
A
0.0001
ON LEAKAGE CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
0.1
0.001
1
0.01
100
-55
65
85
-15
5
25
45
-35
105 125
0
SUPPLY CURRENT vs. TEMPERATURE
7
8
9
TEMPERATURE (°C)
5
1
2
6
3
4
10
-55
65
85
-15
5
25
45
-35
105 125
V+ = 5V
IN1, IN2 = GND OR V+
0.0001
OFF LEAKAGE CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
0.1
0.001
1
0.01
100
-55
65
85
-15
5
25
45
-35
105 125
V+ = 5.5V
VCOM = 1V
VNC OR VNO = 1V
-3
0
CHARGE INJECTION vs. VCOM
2
VCOM (V)
2
5
0
-2
1
-1
3
V+ = 5V
1
3
4


Similar Part No. - MAX325CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250EAI MAXIM-MAX3250EAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX325CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com