Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3269CUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3269CUB
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3269CUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3269CUB Datasheet HTML 2Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 3Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 4Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 5Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 6Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 7Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 8Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 9Page - Maxim Integrated Products MAX3269CUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
150mV/div
MAX3265/MAX3765
DATA OUTPUT EYE DIAGRAM
2.5Gbps (MAXIMUM INPUT)
100ps/div
0
25
15
20
10
5
100k
1M
10M
100M
1G
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1.0
3.5
3.0
2.5
1.5
2.0
4.0
0
0.5
1.0
1.5
2.0
3.0
OUTPUT VSWR vs. FREQUENCY
FREQUENCY (GHz)
2.5
0
10
5
20
15
35
30
25
40
010
5
1520253035
MAX3264
LOSS-OF-SIGNAL THRESHOLD vs. RTH
RTH (k
Ω)
0
50
40
30
10
20
60
010
20
30
515
25
MAX3265/MAX3765
LOSS-OF-SIGNAL THRESHOLD vs. RTH
RTH (k
Ω)
5
40
45
50
35
30
20
15
10
25
55
1M
100M
10G
10M
1G
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
MAX3268/MAX3768
MAX3265/MAX3765
150mV/div
MAX3264
DATA OUTPUT EYE DIAGRAM AT
1.25Gbps (MINIMUM INPUT)
200ps/div
50mV/div
MAX3264
DATA OUTPUT EYE DIAGRAM AT
1.25Gbps (MAXIMUM INPUT)
200ps/div
150mV/div
MAX3265/MAX3765
DATA OUTPUT EYE DIAGRAM
2.5Gbps (MINIMUM INPUT)
100ps/div


Similar Part No. - MAX3269CUB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX32690 AD-MAX32690 Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
MAX32690GTK++ AD-MAX32690GTK+ Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
MAX32690GTK+T AD-MAX32690GTK+T Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
MAX32690GTKBL++ AD-MAX32690GTKBL+ Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
MAX32690GTKBL+T AD-MAX32690GTKBL+T Datasheet
722Kb / 66P
   Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
More results

Similar Description - MAX3269CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com