Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM256-2067A Datasheet(PDF) 1 Page - International Rectifier

Part # IRAM256-2067A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM256-2067A Datasheet(HTML) 1 Page - International Rectifier

  IRAM256-2067A Datasheet HTML 1Page - International Rectifier IRAM256-2067A Datasheet HTML 2Page - International Rectifier IRAM256-2067A Datasheet HTML 3Page - International Rectifier IRAM256-2067A Datasheet HTML 4Page - International Rectifier IRAM256-2067A Datasheet HTML 5Page - International Rectifier IRAM256-2067A Datasheet HTML 6Page - International Rectifier IRAM256-2067A Datasheet HTML 7Page - International Rectifier IRAM256-2067A Datasheet HTML 8Page - International Rectifier IRAM256-2067A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRAM256-2067A
1 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 14, 2014
Series
20A, 600V
Integrated Power Module for
Appliance Motor Drive Applications
Description
International Rectifier's IRAM256-2067A is a 20A, 600V Integrated Power Hybrid IC with Open Emitter pins for
advanced Appliance Motor Drives applications such as energy efficient Air Conditioner and Washing Machine.
IR's technology offers an extremely compact, high performance AC motor-driver in a single isolated package to
simplify design.
This advanced HIC is a combination of IR's low VCE (on) Trench IGBT technology and the industry benchmark 3
phase high voltage, high speed driver (3.3V compatible) in a fully isolated thermally enhanced package. A built-in
high precision temperature monitor and over-current protection feature, along with the short-circuit rated IGBTs
and integrated under-voltage lockout function, deliver high level of protection and fail-safe operation. Using a
Single in line package with full transfer mold structure and CTI>600 minimizes PCB space and resolves isolation
problems to heatsink.
Features
Integrated gate drivers and bootstrap diodes
Temperature monitor
Protection shutdown pin
Low VCE (on) Trench IGBT technology
Undervoltage lockout for all channels
Matched propagation delay for all channels
3.3V Schmitt-triggered input logic
Cross-conduction prevention logic
Motor power range up to 1.5kW / 85~253 Vac
Isolation 2000VRMS min and CTI> 600
High operating case temperature, TCMAX=125°C
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRAM256-2067A
SIP1A, option 1 LF
10 tubes
80
IRAM256-2067A
IRAM256-2067A2
SIP1A, option 2 LF
10 tubes
80
IRAM256-2067A2


Similar Part No. - IRAM256-2067A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
More results

Similar Description - IRAM256-2067A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAMX30TP60A IRF-IRAMX30TP60A_15 Datasheet
485Kb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com