Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM256-2067A Datasheet(PDF) 4 Page - International Rectifier

Part # IRAM256-2067A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM256-2067A Datasheet(HTML) 4 Page - International Rectifier

  IRAM256-2067A_15 Datasheet HTML 1Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 2Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 3Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 4Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 5Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 6Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 7Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 8Page - International Rectifier IRAM256-2067A_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IRAM256-2067A
4 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 14, 2014
Inverter Section Switching Characteristics
VBIAS(VCC, VBS1,2,3)=15V, TJ=25°C unless otherwise specified.
Symbol
Description
Min
Typ
Max
Unit
Conditions
EON
Turn-On Switching Loss
---
260
---
µJ
IC=7.5A, V+=400V
VCC=15V, L=1.2mH
Energy losses include "tail" and
diode reverse recovery
See CT1
EOFF
Turn-Off Switching Loss
---
135
---
ETOT
Total Switching Loss
---
395
---
EREC
Diode Reverse Recovery
energy
---
25
---
TRR
Diode Reverse Recovery time
---
100
---
ns
EON
Turn-On Switching Loss
---
380
---
µJ
IC=7.5A, V+=400V
VCC=15V, L=1.2mH, TJ=150°C
Energy losses include "tail" and
diode reverse recovery
See CT1
EOFF
Turn-Off Switching Loss
---
190
---
ETOT
Total Switching Loss
---
570
---
EREC
Diode Reverse Recovery
energy
---
75
---
TRR
Diode Reverse Recovery time
---
150
---
ns
QG
Turn-On IGBT Gate Charge
---
25
---
nC
IC=12A, V+=400V, VGE=15V
RBSOA
Reverse Bias Safe Operating
Area
FULL SQUARE
TJ=150°C, IC=7.5A, VP=600V
V+= 450V,
VCC=+15V to 0V
See CT3
SCSOA
Short Circuit Safe Operating
Area
5
---
---
µs
TJ=25°C, V+= 400V, VGE=+15V
to 0V
SCSOA
Short Circuit Safe Operating
Area
3
---
---
µs
TJ=100°C, V+= 400V,
VGE=+15V to 0V
ICSC
Short Circuit Collector Current
16.5
---
---
A
TJ=150°C, VCE= 50V, VGE=11V
Recommended Operating Conditions Driver Function
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltages are absolute referenced to COM. The VS offset is tested with all supplies biased at 15V
differential (Note 3)
Symbol
Description
Min
TYP
Max
Unit
VB1,2,3
High side floating supply voltage
VS+12.5
VS+15
VS+17.5
V
VS1,2,3
High side floating supply offset voltage
Note 4
---
450
V
VCC
Low side and logic fixed supply voltage
13.5
15
16.5
V
VIN
Input voltage LIN, HIN, ITRIP, FLT/EN
VSS
---
VSS+5
V
HIN
High side PWM pulse width
1
---
---
µs
Deadtime
External dead time between HIN and LIN
1
---
---
µs
Note 3: For more details, see IR21364 data sheet.
Note 4: Logic operational for VS from COM-5V to COM+600V. Logic state held for VS from COM-5V to COM-VBS.
(please refer to DT97-3 for more details)


Similar Part No. - IRAM256-2067A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
More results

Similar Description - IRAM256-2067A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1067A IRF-IRAM256-1067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAMX30TP60A IRF-IRAMX30TP60A_15 Datasheet
485Kb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com