Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM256-1067A Datasheet(PDF) 3 Page - International Rectifier

Part # IRAM256-1067A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM256-1067A Datasheet(HTML) 3 Page - International Rectifier

  IRAM256-1067A_15 Datasheet HTML 1Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 2Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 3Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 4Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 5Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 6Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 7Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 8Page - International Rectifier IRAM256-1067A_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRAM256-1067A
3 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 14, 2014
Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VCES / VRRM
IGBT/ FW Diode Blocking Voltage
---
600
V
V+
Positive Bus Input Voltage
---
450
IO @ TC=25°C
RMS Phase Current (Note 1)
---
10
A
IO @ TC=100°C
RMS Phase Current (Note 1)
---
5
IPK
Maximum Peak Phase Current (Note 2)
---
15
FP
Maximum PWM Carrier Frequency
---
20
kHz
PD
Maximum Power dissipation per IGBT @ TC =25°C
---
28
W
VISO
Isolation Voltage (1min)
---
2000
VRMS
TJ (IGBT/Diode/IC)
Operating Junction Temperature
-40
150
°C
TC
Operating Case Temperature Range
-40
125
TSTG
Storage Temperature Range
-40
125
T
Mounting torque Range (M3 screw)
0.8
1.0
Nm
IBDF
Bootstrap Diode Peak Forward Current
---
1.0
A
PBR_Peak
Bootstrap Resistor Peak Power (Single Pulse)
---
15
W
VS1,2,3
High side floating supply offset voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
600
V
VCC
Low Side and logic fixed supply voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, ITRIP, FLT/EN
-0.3
7
V
Note 1: See Figure 4 and IR IPM Design Tool.
Note 2: tP<100ms.
Inverter Section Electrical Characteristics
VBIAS(VCC, VBS1,2,3)=15V, TJ=25°C unless otherwise specified.
Symbol
Description
Min
Typ
Max
Unit
Conditions
V(BE)CES
Collector-to-Emitter Breakdown
Voltage
600
---
---
V
VIN=0V, IC=100μA
ΔV(BR)CES / ΔT
Temperature Coeff. Of
Breakdown Voltage
---
0.3
---
V/°C
VIN=0V, IC=250A
(25°C - 150°C)
VCE(ON)
Collector-to-Emitter Saturation
Voltage
---
1.5
1.75
V
IC=4A
---
1.7
---
IC=4A, TJ=150°C
ICES
Zero Gate Voltage Collector
Current
---
5
80
μA
VIN=0V, V+=600V
---
80
---
VIN=0V, V+=600V, TJ=150°C
VFM
Diode Forward Voltage Drop
---
1.6
2.35
V
IF=4A
---
1.3
---
IF=4A, TJ=150°C
VBDFM
Bootstrap Diode Forward
Voltage Drop
---
1.65
1.8
V
IF=1A
---
1.3
---
IF=1A, TJ=150°C
RBR
Bootstrap Resistor Value
---
22
---
Ω
ΔRBR/RBR
Bootstrap Resistor Tolerance
---
---
±5
%
C1,2,3,4
VCC / VBS Capacitor Value
---
47
---
nF
C6
ITRIP Capacitor Value
---
1
---
nF
C7
NTC Capacitor Value
---
2.2
---
nF


Similar Part No. - IRAM256-1067A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1567A IRF-IRAM256-1567A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
More results

Similar Description - IRAM256-1067A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-2067A IRF-IRAM256-2067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAMX30TP60A IRF-IRAMX30TP60A_15 Datasheet
485Kb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com