Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM136-0461G Datasheet(PDF) 1 Page - International Rectifier

Part # IRAM136-0461G
Description  Internal Rectifier Diode Bridge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0461G Datasheet(HTML) 1 Page - International Rectifier

  IRAM136-0461G Datasheet HTML 1Page - International Rectifier IRAM136-0461G Datasheet HTML 2Page - International Rectifier IRAM136-0461G Datasheet HTML 3Page - International Rectifier IRAM136-0461G Datasheet HTML 4Page - International Rectifier IRAM136-0461G Datasheet HTML 5Page - International Rectifier IRAM136-0461G Datasheet HTML 6Page - International Rectifier IRAM136-0461G Datasheet HTML 7Page - International Rectifier IRAM136-0461G Datasheet HTML 8Page - International Rectifier IRAM136-0461G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IRAM136-0461G
Series
4A, 600V
www.irf.com
1
Plug N DriveTM Integrated Power
Module for Energy Efficient Motor Drives
Description
International Rectifier’s IRAM136-0461G is an Integrated Power Module developed and optimized for elec-
tronic motor control in energy saving applications.
Targeting the sub 300W three-phase motor drive
applications, such as fan or refrigerator compressor drives, this module offers the highest level of integra-
tion available in the market today. It features an input diode rectification bridge and a three-phase inverter,
complete with bootstrap diodes, high voltage gate driver IC, current shunt resistor and temperature
sensor. This high performance AC motor-driver is housed in a compact single-in-line isolated package for a
very simple design.
The internal shunt offers easy current feedback for precise control and safe operation. A built-in tem-
perature monitor and logic level shut-down function, along with the short-circuit rated IGBTs and
integrated under-voltage lockout function, deliver high level of protection and fail-safe operation.
PD-97271 RevA
Features
• Internal Rectifier Diode Bridge
• Internal Shunt Resistor
• Integrated Gate Drivers and Bootstrap Diodes
• Temperature Monitor
• Undervoltage lockout for all channels
• Matched propagation delay for all channels
• Schmitt-triggered input logic
• Cross-conduction prevention logic
• Lower di/dt gate driver for better noise immunity
• Motor Power range 0.1~0.3kW / up to 253V, 50/60Hz
• Isolation 2000V
RMS /1min
Absolute Maximum Ratings
Parameter
Description
Max. Value
Units
VRRM
Input Bridge Blocking Voltage
600
VCES
IGBT Blocking Voltage
600
V
+
Positive Bus Input Voltage
450
IO @ TC=25°C
RMS Phase Current (FPWM=20kHz)
3.6
IO @ TC=100°C
RMS Phase Current (FPWM=20kHz)
2
IO PK
Pulsed RMS Phase Current (tp<100ms, FPWM=20kHz)
5
FPWM
PWM Carrier Frequency
20
kHz
Pd
Power dissipation per IGBT @ TC =25°C
16
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diodes)
Operating Junction temperature Range
-40 to +150
TJ (Driver IC)
Operating Junction temperature Range
-40 to +150
T
Mounting torque (M3 screw)
1.0
Nm
V
°C
1
23


Similar Part No. - IRAM136-0461G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-0461G IRF-IRAM136-0461G Datasheet
371Kb / 20P
   iMOTION??Series 4A, 600V Plug N DriveTM Integrated Power Module for Energy Efficient Motor Drives
More results

Similar Description - IRAM136-0461G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD73 CENTRAL-CPD73 Datasheet
222Kb / 2P
   Bridge Rectifier Monolithic Quad Diode Bridge Chip
CPD73 CENTRAL-CPD73_10 Datasheet
399Kb / 2P
   Bridge Rectifier Monolithic Quad Diode Bridge Chip
logo
Bourns Electronic Solut...
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
First Silicon Co., Ltd
MBUS1BS FS-MBUS1BS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
logo
SHANGHAI BELLING CO., L...
BLM8811 BELLING-BLM8811 Datasheet
402Kb / 4P
   Internal protection diode
logo
Advanced Power Technolo...
APTDF100H60 ADPOW-APTDF100H60 Datasheet
239Kb / 4P
   Fast Diode Rectifier Bridge Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com