Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3264 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3264
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3264 Datasheet HTML 3Page - Maxim Integrated Products MAX3264 Datasheet HTML 4Page - Maxim Integrated Products MAX3264 Datasheet HTML 5Page - Maxim Integrated Products MAX3264 Datasheet HTML 6Page - Maxim Integrated Products MAX3264 Datasheet HTML 7Page - Maxim Integrated Products MAX3264 Datasheet HTML 8Page - Maxim Integrated Products MAX3264 Datasheet HTML 9Page - Maxim Integrated Products MAX3264 Datasheet HTML 10Page - Maxim Integrated Products MAX3264 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
_______________________________________________________________________________________
7
Pin Description
EP
EP
Ground. The exposed paddle must be soldered to the circuit–board ground for
proper thermal performance.
Exposed
Paddle
7
Output Current Level. When this pin is not connected, the CML output current is
approximately 16mA. When this pin is connected to ground, the output current
increases to approximately 20mA. (In the MAX3265CUB/MAX3765CUB, LEVEL is
internally connected to ground.)
15
Squelch Input. The squelch function is disabled when SQUELCH is not connected
or is set to a TTL low level. When SQUELCH is set to a TTL high level and LOS is
asserted, the data outputs, OUT+, and OUT-, are forced to static levels. See sec-
tions PECL Output Buffer and CML Output Buffer for more information. (In the
MAX3265/MAX3268/MAX3269 10-pin µMAX, SQUELCH is not connected. In the
MAX3765/MAX3768, SQUELCH is internally connected to VCC.)
16
No Connection
N.C.
SQUELCH
10
Noninverted Loss-of-Signal Output. LOS is low when the level of the input signal
is above the preset threshold set by the TH input. LOS asserts high when the sig-
nal level drops below the threshold.
LOS
LEVEL
1
Offset-Correction-Loop Capacitor. A capacitor connected between this pin and
CAZ2 extends the time constant of the offset correction loop.
2
Offset-Correction-Loop Capacitor. A capacitor connected between this pin and
CAZ1 extends the time constant of the offset correction loop. Refer to Design
Procedure.
CAZ2
CAZ1
6
9
Inverted Loss-of-Signal Output. LOS is high when the level of the input signal is
above the preset threshold set by the TH input. LOS is asserted low when the
signal level drops below the threshold.
8
12
Inverted Data Output
9
13
Noninverted Data Output
OUT+
OUT-
7, 10
11, 14
Supply Voltage
VCC
LOS
3
5
Inverted Input Signal
5
8
Loss-of-Signal Threshold. A resistor connected from this pin to ground sets the
input signal level at which the loss-of-signal (LOS) output(s) is asserted. Refer to
Typical Operating Characteristics and Design Procedure.
TH
IN-
2
4
Noninverted Input Signal
IN+
TSSOP
FUNCTION
µMAX
NAME
GND
1, 4
3, 6
Supply Ground
PIN


Similar Part No. - MAX3264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264C/D MAXIM-MAX3264C/D Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264CUE MAXIM-MAX3264CUE Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264CUE++ MAXIM-MAX3264CUE+ Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
More results

Similar Description - MAX3264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com