Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3243CUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3243CUI
Description  1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243CUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3243CUI Datasheet HTML 1Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 2Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 3Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 4Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 5Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 6Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 7Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 8Page - Maxim Integrated Products MAX3243CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
Noninverting Receiver Output—active in shutdown
R2OUTB
Output of the valid signal detector. Indicates if a valid RS-232 level is pres-
ent on receiver inputs logic “1”.
INVALID
Drive low to shut down transmitters and on-board power supply. This over-
rides all automatic circuitry and FORCEON (Table 1).
FORCEOFF
Drive high to override automatic circuitry keeping transmitters on
(FORCEOFF must be high) (Table 1).
FORCEON
Negative terminal of the voltage doubler charge-pump capacitor
C1-
RS-232 Receiver Inputs
R_IN
RS-232 Transmitter Outputs
T_OUT
TTL/CMOS Transmitter Inputs
T_IN
TTL/CMOS Receiver Outputs
R_OUT
-5.5V generated by the charge pump
V-
Negative terminal of inverting charge-pump capacitor
C2-
Positive terminal of inverting charge-pump capacitor
C2+
Receiver Enable Control. Drive low for normal operation. Drive high to force
the receiver outputs into a high-Z state.
EN
FUNCTION
Ground
GND
+3.0V to +5.5V Supply Voltage
VCC
LapLink is a trademark of Traveling Software.
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3221/MAX3223/MAX3243’s internal power
supply consists of a regulated dual charge pump that
provides output voltages of +5.5V (doubling charge
pump) and -5.5V (inverting charge pump), regardless
of the input voltage (VCC) over the +3.0V to +5.5V
range. The charge pumps operate in a discontinuous
mode: if the output voltages are less than 5.5V, the
charge pumps are enabled; if the output voltages
exceed 5.5V, the charge pumps are disabled. Each
charge pump requires a flying capacitor (C1, C2) and
a reservoir capacitor (C3, C4) to generate the V+ and
V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to 5.0V EIA/TIA-232 levels. They
guarantee a 120kbps data rate with worst-case loads of
3k
Ω in parallel with 1000pF, providing compatibility with
PC-to-PC communication software (such as Laplink™).
Typically, the MAX3221/MAX3223/MAX3243 can oper-
ate at data rates of 235kbps. Transmitters can be paral-
leled to drive multiple receivers or mice (MAX3243).
Figure 1 shows a complete system connection.
When FORCEOFF is driven to ground, or the Auto-
Shutdown circuitry senses invalid voltage levels at all
receiver inputs, the transmitters are disabled and the
outputs are forced into a high-impedance state.
10
16
12
4
8
13
11
9
7
6
5
1
14
15
NAME
MAX3221
+5.5V generated by the charge pump
V+
3
Positive terminal of the voltage doubler charge-pump capacitor
C1+
2
11
20
14
4
9, 16
8, 17
12, 13
10, 15
7
6
5
1
18
19
20
21
22
23
24
4–8
9, 10, 11
12, 13, 14
15–19
3
2
1
25
26
MAX3223
3
MAX3243
27
2
28
PIN


Similar Part No. - MAX3243CUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3243CUI MAXIM-MAX3243CUI Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3243CUI MAXIM-MAX3243CUI Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3243CUI MAXIM-MAX3243CUI Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3243CUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com