Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21364PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR21364PBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21364PBF Datasheet(HTML) 2 Page - International Rectifier

  IR21364PBF_15 Datasheet HTML 1Page - International Rectifier IR21364PBF_15 Datasheet HTML 2Page - International Rectifier IR21364PBF_15 Datasheet HTML 3Page - International Rectifier IR21364PBF_15 Datasheet HTML 4Page - International Rectifier IR21364PBF_15 Datasheet HTML 5Page - International Rectifier IR21364PBF_15 Datasheet HTML 6Page - International Rectifier IR21364PBF_15 Datasheet HTML 7Page - International Rectifier IR21364PBF_15 Datasheet HTML 8Page - International Rectifier IR21364PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IR21364(S&J)PbF
www.irf.com
© 2009 International Rectifier
2
Description
The IR21364(S&J)PBF is a high voltage, high speed power MOSFET and IGBT drivers with three
independent high and low side referenced output channels for 3-phase applications. Proprietary HVIC
technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL
outputs, down to 3.3V logic. A current trip function which terminates all six outputs can be derived from an
external current sense resistor. An enable function is available to terminate all six outputs simultaneously. An
open-drain FAULT signal is provided to indicate that an overcurrent or undervoltage shutdown has occurred.
Overcurrent fault conditions are cleared automatically after a delay programmed externally via an RC
network connected to the RCIN input. The output drivers feature a high pulse current buffer stage designed
for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency
applications. The floating channel can be used to drive N-channel power MOSFETs or IGBTs in the high side
configuration which operates up to 600 V.
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification
level is granted by extension of the higher Industrial
level.
SOIC28W
MSL3
†††, 260°C
(per IPC/JEDEC J-STD-020)
Moisture Sensitivity Level
PLCC44
MSL3
†††, 245°C
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 2
(per JEDEC standard JESD22-A114)
ESD
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.


Similar Part No. - IR21364PBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR21364PBF INFINEON-IR21364PBF Datasheet
708Kb / 20P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016
More results

Similar Description - IR21364PBF_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com