Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR11672AS Datasheet(PDF) 5 Page - International Rectifier

Part # IR11672AS
Description  Secondary side high speed SR controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 5 Page - International Rectifier

  IR11672AS_15 Datasheet HTML 1Page - International Rectifier IR11672AS_15 Datasheet HTML 2Page - International Rectifier IR11672AS_15 Datasheet HTML 3Page - International Rectifier IR11672AS_15 Datasheet HTML 4Page - International Rectifier IR11672AS_15 Datasheet HTML 5Page - International Rectifier IR11672AS_15 Datasheet HTML 6Page - International Rectifier IR11672AS_15 Datasheet HTML 7Page - International Rectifier IR11672AS_15 Datasheet HTML 8Page - International Rectifier IR11672AS_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IR11672AS
5
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Parameters
Symbol
Min.
Max.
Units
Remarks
Supply Voltage
VCC
-0.3
20
V
Enable Voltage
VEN
-0.3
20
Cont. Drain Sense Voltage
VD
-3
200
Pulse Drain Sense Voltage
VD
-5
200
Source Sense Voltage
VS
-3
20
Gate Voltage
VGATE
-0.3
20
VCC=20V, Gate off
Operating Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
Thermal Resistance
R
128
°C/W
SOIC-8
Package Power Dissipation
PD
970
mW
SOIC-8, TAMB=25°C
Switching Frequency
fsw
500
kHz
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
V
CC
Supply voltage
11.4
18
V
V
D
Drain Sense Voltage
-3
200
TJ
Junction Temperature
-25
125
°C
Fsw
Switching Frequency
---
500
kHz
Recommended Component Values
Symbol
Component
Min.
Max.
Units
RMOT
MOT pin resistor value
5
75
k


Similar Part No. - IR11672AS_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
More results

Similar Description - IR11672AS_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167AS IRF-IR1167AS_15 Datasheet
1Mb / 25P
   Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
   Secondary side high speed SR controller
IR1166S IRF-IR1166S_15 Datasheet
1Mb / 25P
   Secondary side high speed SR controller
IR11662S IRF-IR11662S_15 Datasheet
669Kb / 26P
   Secondary side high speed SR controller
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
   SmartRectifier CONTROL IC Secondary side high speed SR controller
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com