Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3250 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3250
Description  짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3250 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3250 Datasheet HTML 2Page - Maxim Integrated Products MAX3250 Datasheet HTML 3Page - Maxim Integrated Products MAX3250 Datasheet HTML 4Page - Maxim Integrated Products MAX3250 Datasheet HTML 5Page - Maxim Integrated Products MAX3250 Datasheet HTML 6Page - Maxim Integrated Products MAX3250 Datasheet HTML 7Page - Maxim Integrated Products MAX3250 Datasheet HTML 8Page - Maxim Integrated Products MAX3250 Datasheet HTML 9Page - Maxim Integrated Products MAX3250 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
±50V Isolated, 3.0V to 5.5V,
250kbps, 2 TX/2 RX, RS-232 Transceiver
_______________________________________________________________________________________
7
AC waveforms are rectified on the isolated side of the
dual die to power its internal circuitry (ISOVCC).
Capacitor C6 filters the output of the rectifier. See the
Typical Operating Circuit.
The power controller works in a dual power mode. Power
is maximum when the isolated power supply is below its
regulation point. Power is reduced when the isolated
power supply is above its regulation point.
Dual Charge-Pump Voltage Converter
The RS-232 drivers are powered from a regulated dual
charge pump that provides output voltages of +5.5V (dou-
bling charge pump) and -5.5V (inverting charge pump)
relative to ISOCOM over the 3.0V to 5.5V VCC range.
The charge pumps are powered from ISOVCC and
operate in a discontinuous mode. If the output voltages
are less than 5.5V, the charge pumps are enabled. If
the output voltages exceed 5.5V, the charge pumps
are disabled. Each charge pump requires a flying
capacitor (C3, C4) and a reservoir capacitor (C7, C8)
to generate the V+ and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that convert
TTL/CMOS-logic levels to ±5.0V EIA/TIA-232-compliant
levels. They guarantee a 250kbps data rate with worst-
case loads of 3k
Ω in parallel with 1000pF to ISOCOM. In
shutdown, the transmitters are disabled and the outputs
are forced into a high-impedance state. When powered
off or shut down, the outputs can be driven up to ±12V
relative to ISOCOM. The transmitter inputs do not have
pullup resistors. All unused inputs should be connected
to VCC or GND.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The receivers’ outputs are forced into a
high-impedance state when the device is in shutdown.
This allows a single UART to multiplex between differ-
ent protocols.
Low-Power Shutdown Mode
Shutdown mode is obtained by driving SHDN low. In
shutdown, the devices typically draw only 20µA of sup-
ply current and no power is transferred across the iso-
lation capacitors. The charge pumps are disabled, and
the receiver outputs and transmitter outputs are high
impedance. When exiting shutdown the charge pumps
and transmitter outputs are fully operational in typically
500µs (Figure 3). Connect SHDN to VCC if the shut-
down mode is not used.
Applications Information
Power Isolation Capacitors
The values for capacitors C1 and C2 are important for
proper operation of the device. These capacitors
should be 0.047µF for 4.5V to 5.5V operation, and
0.47µF for 3.0V to 3.6V operation. Smaller values result
in insufficient supply voltage on the isolated side.
Larger values are not allowed.
Capacitor C9 provides an AC feedback path for proper
controller operation. Connect C9 from ISOCOM to GND.
The values for C1, C2, and C9 determine the maximum
frequency and amplitude of the voltage difference
between the local and isolated ground. Table 1 shows
proper capacitance values.
LOAD CURRENT PER TRANSMITTER (mA)
7
6
4
5
2
3
1
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-6
08
VCC = 3.0V
VOUT+
VOUT-
T1
T2
VCC
VOUT1+
VOUT2-
Figure 2. Transmitter Output Voltage vs. Load Current per
Transmitter
100
µs/div
2V/div
T2OUT
VCC = 3.3V
SHDN
5V/div
T1OUT
Figure 3. Transmitter Outputs when Exiting Shutdown or
Powering Up


Similar Part No. - MAX3250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250 MAXIM-MAX3250_11 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250_V01 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
More results

Similar Description - MAX3250

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250_V01 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250 MAXIM-MAX3250_11 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com