Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR7184SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR7184SPBF
Description  700V Half-Bridge Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR7184SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR7184SPBF Datasheet HTML 3Page - International Rectifier IR7184SPBF Datasheet HTML 4Page - International Rectifier IR7184SPBF Datasheet HTML 5Page - International Rectifier IR7184SPBF Datasheet HTML 6Page - International Rectifier IR7184SPBF Datasheet HTML 7Page - International Rectifier IR7184SPBF Datasheet HTML 8Page - International Rectifier IR7184SPBF Datasheet HTML 9Page - International Rectifier IR7184SPBF Datasheet HTML 10Page - International Rectifier IR7184SPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IR7184SPBF
11
www.irf.com
© 2015 International Rectifier
June 18, 2015
Qualification Information
Qualification Level
Industrial
††
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
8 Lead SOIC
MSL2
†††
, 260
C
(per IPC/JEDEC J-STD-020)
ESD
Human Body Model
Class 1B
(per JEDEC standard JEDEC JS-001-2012)
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.


Similar Part No. - IR7184SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR7184SPBF INFINEON-IR7184SPBF Datasheet
518Kb / 11P
   700V Half-Bridge Driver
June 18, 2015
More results

Similar Description - IR7184SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR7184SPBF INFINEON-IR7184SPBF Datasheet
518Kb / 11P
   700V Half-Bridge Driver
June 18, 2015
IR7304SPBF INFINEON-IR7304SPBF Datasheet
534Kb / 11P
   700V Half-Bridge Driver
June 18, 2015
logo
International Rectifier
IR7304SPBF IRF-IR7304SPBF_15 Datasheet
531Kb / 11P
   700V Half-Bridge Driver
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com