Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR7106SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR7106SPBF
Description  700V High and Low Side Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR7106SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR7106SPBF Datasheet HTML 3Page - International Rectifier IR7106SPBF Datasheet HTML 4Page - International Rectifier IR7106SPBF Datasheet HTML 5Page - International Rectifier IR7106SPBF Datasheet HTML 6Page - International Rectifier IR7106SPBF Datasheet HTML 7Page - International Rectifier IR7106SPBF Datasheet HTML 8Page - International Rectifier IR7106SPBF Datasheet HTML 9Page - International Rectifier IR7106SPBF Datasheet HTML 10Page - International Rectifier IR7106SPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IR7106SPBF
11
www.irf.com
© 2015 International Rectifier
June 18, 2015
Qualification Information
Qualification Level
Industrial
††
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
8 Lead SOIC
MSL2
†††
, 260
C
(per IPC/JEDEC J-STD-020)
ESD
Human Body Model
Class 1C
(per JEDEC standard JEDEC JS-001-2012)
Machine Model
Class A
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.


Similar Part No. - IR7106SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR7106SPBF INFINEON-IR7106SPBF Datasheet
510Kb / 11P
   700V High and Low Side Driver
June 18, 2015
More results

Similar Description - IR7106SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR7106SPBF INFINEON-IR7106SPBF Datasheet
510Kb / 11P
   700V High and Low Side Driver
June 18, 2015
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com