Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3233E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3233E
Description  짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3233E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3233E Datasheet HTML 1Page - Maxim Integrated Products MAX3233E Datasheet HTML 2Page - Maxim Integrated Products MAX3233E Datasheet HTML 3Page - Maxim Integrated Products MAX3233E Datasheet HTML 4Page - Maxim Integrated Products MAX3233E Datasheet HTML 5Page - Maxim Integrated Products MAX3233E Datasheet HTML 6Page - Maxim Integrated Products MAX3233E Datasheet HTML 7Page - Maxim Integrated Products MAX3233E Datasheet HTML 8Page - Maxim Integrated Products MAX3233E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
TTL/CMOS Receiver Outputs
FUNCTION
PIN
NAME
1
3
7
8
9
10
11, 12
14
15
R2OUT
16
17
18
Invalid Signal Detector Output, active low. A logic high indicates that a valid RS-232
level is present on a receiver.
T2N
TTL/CMOS Transmitter Outputs
2
INVALID
5
T1OUT
RS-232 Transmitter Outputs
FORCEON
Force-On Input, active high. Drive high to override AutoShutdown Plus, keeping
transmitters and receivers active (FORCEOFF must be high) (Table 1).
13
R1IN
RS-232 Receiver Outputs
C1+
Positive terminal of the internal voltage-doubling charge-pump capacitor. Leave
unconnected or connect to an external 0.1µF capacitor. See
Charge Pump Section.
VCC
Supply Voltage (MAX3233E = +3.3V, MAX3235E = +5.0V)
FORCEOFF
Force-Off Input, active low. Drive low to shut down transmitters, receivers, and charge
pump. This overrides AutoShutdown Plus and FORCEON (Table 1).
V+
+5.5V generated by the charge pump. Do not connect.
C1-
Negative terminal of the internal voltage-doubling charge-pump capacitor. Leave
unconnected or connect to an external 0.1µF capacitor. See
Charge Pump Section.
C2+
Positive terminal of the internal inverting charge-pump capacitor. Do not connect.
C2-
Negative terminal of the internal inverting charge-pump capacitor. Do not connect.
V-
-5.5V generated by the charge pump. Do not connect.
GND
Ground
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
6
R1OUT
4
T1IN
19
T2OUT
20
R2IN


Similar Part No. - MAX3233E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECPP MAXIM-MAX3233ECPP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP MAXIM-MAX3233ECWP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX3233EEPP MAXIM-MAX3233EEPP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results

Similar Description - MAX3233E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com