Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4302 Datasheet(PDF) 10 Page - International Rectifier

Part # IR4302
Description  No mechanical heatsink required
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4302 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR4302 Datasheet HTML 6Page - International Rectifier IR4302 Datasheet HTML 7Page - International Rectifier IR4302 Datasheet HTML 8Page - International Rectifier IR4302 Datasheet HTML 9Page - International Rectifier IR4302 Datasheet HTML 10Page - International Rectifier IR4302 Datasheet HTML 11Page - International Rectifier IR4302 Datasheet HTML 12Page - International Rectifier IR4302 Datasheet HTML 13Page - International Rectifier IR4302 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IR43x2
10
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Electrical Characteristics (cont’d)
VCC,VBS= 12 V, VSS=VS1=VS2=VN1=VN2=COM=0V, VAA=9.6V and TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Protection
IOCPn
Over current detection
Positive threshold, n=1-2
-
16
-
A
IOCNn
Over current detection
Negatitive threshold, n=1-2
-
-16
-
A
Vth1
CSD pin shutdown release
threshold
0.62xVAA 0.70xVAA
0.78xVAA
V
Vth2
CSD pin self reset threshold
0.26xVAA 0.30xVAA
0.34xVAA
V
ICSD+
CSD pin discharge current
70
100
130
µA
VCSD = VSS
+4.8V
ICSD-
CSD pin charge current
70
100
130
µA
VCSD = VSS
+4.8V
tSDn
Shutdown propagation delay
from VS < Vth1 to Shutdown,
n=1-2
-
-
250
ns
COMP = VSS
tOCPn
CHn propagation delay time
from IOn > IOCPn to Shutdown,
n=1-2
-
-
500
ns
COMP = VSS
tOCNn
CHn propagation delay time
from IOn < IOCNn to Shutdown,
n=1-2
-
-
500
ns
COMP = VSS
Vth+CLIP
Clip detection positive
threshold in COMP
0.85xVAA 0.90xVAA
0.95xVAA
V
Vth-CLIP
Clip detection negative
threshold in COMP
0.05xVAA 0.10xVAA
0.15xVAA
V
tCLIP
Clipping detection
propagation delay
-
40
-
ns
tCLIPmin
Clipping detection minimum
output duration
-
3
-
us
TSD
Over temperature shutdown
threshold in controller IC
-
105
-
ºC
TSDHYS
Over temperature shutdown
threshold hysteresis
-
7
-
ºC


Similar Part No. - IR4302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4302M IRF-IR4302M Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
International Rectifier
IR4302MTRPBF IRF-IR4302MTRPBF Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
More results

Similar Description - IR4302

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
   No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
   No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
   No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
   No external matching required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
logo
THine Electronics, Inc.
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
   No External Clock Required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com