Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4301 Datasheet(PDF) 7 Page - International Rectifier

Part # IR4301
Description  High peak music power output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR4301_15 Datasheet HTML 3Page - International Rectifier IR4301_15 Datasheet HTML 4Page - International Rectifier IR4301_15 Datasheet HTML 5Page - International Rectifier IR4301_15 Datasheet HTML 6Page - International Rectifier IR4301_15 Datasheet HTML 7Page - International Rectifier IR4301_15 Datasheet HTML 8Page - International Rectifier IR4301_15 Datasheet HTML 9Page - International Rectifier IR4301_15 Datasheet HTML 10Page - International Rectifier IR4301_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IR43x1
7 www.irf.com
© 2013 International Rectifier
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions below. The Vss and Vs
offset ratings are tested with supplies biased at COM=VN, VAA-VSS=9.6V, VCC=12V and VB-VS=12V. All voltage
parameters are absolute voltages referenced to COM; all currents are defined positive into any lead.
Symbol
Definition
Min.
Max.
Units
VP
Positive power supply rail voltage, without
heatsink
IR4301
-
62
V
IR4321
-
50
IR4311
-
32
Positive power supply rail voltage, with
heatsink
IR4301
-
68
IR4321
-
50
IR4311
-
32
VB
High side floating supply absolute voltage
VS +10
VS +14
VS
High side floating supply offset voltage
IR4301
80
IR4321
60
IR4311
40
VAA
Floating input positive supply voltage
††
VSS + 4.5
VSS + 15
VSS
Floating input negative supply voltage
††
IR4301
0
80
IR4321
0
60
IR4311
0
40
IAAZ
Floating input supply zener clamp current
††
1
15
mA
ISSZ
Floating input negative supply zener clamp current
††
1
15
VCC
Low side fixed supply voltage
10
15
V
VIC
IN- and IN+ pins common mode input voltage
VSS + 2
VAA - 2
VIN-
Inverting input voltage
VIN+ -0.5
VIN+ +0.5
VCSD
CSD pin input voltage
VSS
VAA
VCOMP
COMP pin input voltage
VSS
VAA
CCOMP
COMP pin phase compensation capacitor to GND
1
-
nF
VCSH
CSH pin input voltage
VS
VB
V
dVss/dt
Allowable Vss voltage slew rate upon power-up
†††
-
50
V/ms
fSW
Switching Frequency
-
500
kHz
TA
Ambient Temperature
-40
100
C
† Logic operational for Vs equal to –5V to +80V. Logic state held for Vs equal to –5V to –VBS.
†† GND input voltage is limited by IAAZ and ISSZ.
††† Vss ramps up from 0V to 70V.
April 22, 2013


Similar Part No. - IR4301_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
logo
International Rectifier
IR4301MTRPBF IRF-IR4301MTRPBF Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4301MTRPBF IRF-IR4301MTRPBF Datasheet
1Mb / 15P
   High peak music power output
More results

Similar Description - IR4301_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X1 IRF-IR43X1 Datasheet
1Mb / 15P
   High peak music power output
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
   High peak output voltage
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
   High peak power
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com