Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3228E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3228E
Description  짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3228E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3228E Datasheet HTML 1Page - Maxim Integrated Products MAX3228E Datasheet HTML 2Page - Maxim Integrated Products MAX3228E Datasheet HTML 3Page - Maxim Integrated Products MAX3228E Datasheet HTML 4Page - Maxim Integrated Products MAX3228E Datasheet HTML 5Page - Maxim Integrated Products MAX3228E Datasheet HTML 6Page - Maxim Integrated Products MAX3228E Datasheet HTML 7Page - Maxim Integrated Products MAX3228E Datasheet HTML 8Page - Maxim Integrated Products MAX3228E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP
_______________________________________________________________________________________
5
PIN
MAX3228E
MAX3229E
NAME
FUNCTION
A1
A1
VCC
+2.5V to +5.5V Supply Voltage
A2
A2
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
A3
A3
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
A4
A4
V-
-5.5V/-4.0V Generated by Charge Pump
A5
A5
VL
Logic-Level Input for Receiver Outputs and Transmitter Inputs. Connect VL to the
system logic supply voltage or VCC if no logic supply is required.
A6, B6
A6
T_IN
Transmitter Input(s)
B1
B1
V+
+5.5V/+4.0V Generated by Charge Pump. If charge pump is generating +4.0V, the part
has switched from RS-232 compliant to RS-232 compatible mode.
B2, B3, B4,
C2, C3, C4,
D2, D3, D4,
D5
B2, B3, B4,
C2, C3, C4,
D2, D3, D4,
D5
N.C.
No Connection. These locations are not populated with solder bumps.
B5
B5
FORCEON
FORCEON Input, Active-High. Drive FORCEON high to override automatic circuitry,
keeping transmitters and charge pumps on. Pulls itself high internally if not connected.
B6, D6,
E4, E6
N.C.
No Connection. These locations are populated with solder bumps, but are electrically
isolated.
C1
C1
C1+
Positive Terminal of Positive Regulated Charge-Pump Capacitor
Pin Description
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
0
6
4
2
8
10
12
14
16
18
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OPERATING SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MAX3229E)
SUPPLY VOLTAGE (V)
-8
-4
-6
2
0
-2
8
6
4
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
TRANSMITTER OUTPUT VOLTAGE vs.
SUPPLY VOLTAGE (VCC RISING)
SUPPLY VOLTAGE (V)
VOH
VOL
-8
-4
-6
2
0
-2
8
6
4
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
TRANSMITTER OUTPUT VOLTAGE vs.
SUPPLY VOLTAGE (VCC FALLING)
SUPPLY VOLTAGE (V)
VOH
VOL


Similar Part No. - MAX3228E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228EBV MAXIM-MAX3228EBV Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3228EEBV-T MAXIM-MAX3228EEBV-T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
More results

Similar Description - MAX3228E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com