Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3892M Datasheet(PDF) 5 Page - International Rectifier

Part # IR3892M
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3892M Datasheet(HTML) 5 Page - International Rectifier

  IR3892M_15 Datasheet HTML 1Page - International Rectifier IR3892M_15 Datasheet HTML 2Page - International Rectifier IR3892M_15 Datasheet HTML 3Page - International Rectifier IR3892M_15 Datasheet HTML 4Page - International Rectifier IR3892M_15 Datasheet HTML 5Page - International Rectifier IR3892M_15 Datasheet HTML 6Page - International Rectifier IR3892M_15 Datasheet HTML 7Page - International Rectifier IR3892M_15 Datasheet HTML 8Page - International Rectifier IR3892M_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
IR3892
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin
-0.3V to 25V
Vin
-0.3V to 25V
VCC
-0.3V to 8V (Note 1)
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
BOOT
-0.3V to 33V
BOOT to SW
-0.3V to VCC + 0.3V (Note 2)
EN, PGood
-0.3V to VCC + 0.3V (Note 2)
Other Input/Output pins
-0.3V to 3.9V
PGnd to GND
-0.3V to + 0.3V
Junction Temperature Range
-40°C to 150°C
Storage Temperature Range
-55°C to 150°C
ESD
Machine Model
Class A
Human Body Model
Class 1C
Charged Device Model
Class III
Moisture Sensitivity level
JEDEC Level 2 @ 260°C
RoHS Compliant
Yes
Note:
1.
VCC must not exceed 7.5V for Junction Temperature between -10°C and -40°C.
2.
Must not exceed 8V.
THERMAL INFORMATION
Thermal Resistance, Junction to Case Top
JC_TOP)
36 °C/W
Thermal Resistance, Junction to PCB (θ
JB)
3.6 °C/W
Thermal Resistance, Junction to Ambient
JA) (Note 3)
24.7 °C/W
Note:
3.
Thermal resistance (θ
JA) is measured with components mounted on a high effective thermal conductivity
test board in free air.


Similar Part No. - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892MPBF IRF-IR3892MPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTR1PBF IRF-IR3892MTR1PBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTRPBF IRF-IR3892MTRPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com