Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3892M Datasheet(PDF) 2 Page - International Rectifier

Part # IR3892M
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3892M Datasheet(HTML) 2 Page - International Rectifier

  IR3892M_15 Datasheet HTML 1Page - International Rectifier IR3892M_15 Datasheet HTML 2Page - International Rectifier IR3892M_15 Datasheet HTML 3Page - International Rectifier IR3892M_15 Datasheet HTML 4Page - International Rectifier IR3892M_15 Datasheet HTML 5Page - International Rectifier IR3892M_15 Datasheet HTML 6Page - International Rectifier IR3892M_15 Datasheet HTML 7Page - International Rectifier IR3892M_15 Datasheet HTML 8Page - International Rectifier IR3892M_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
IR3892
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
BASIC APPLICATION
Boot1
Vcc
Fb1
Comp1
Gnd PGnd1/2
SW1
Vo1
PG1
Seq
Vin
PG2
Fb2
Comp2
Vo
2
Rt/
Sync
Boot2
SW2
Vsns2
Vsns1
PVin1/2
5V < Vin < 21V
Figure 1: IR3892 Basic Application Circuit
Figure 2: Efficiency [Vin=12V, Fsw=600kHz]
PIN DIAGRAM
5mm X 6mm POWER QFN
Top View
25
PGnd1
1
2
3
4
5
6
7
8
9
13
12
11
10
17
16
15
14
18
Boot2
PGood2
Comp2
FB2
PGnd2
PGnd2
PVin2
PVin2
PGnd2
19
SW2
20
21
SW1
22
24
PGnd1
23
PGnd1
28
Boot1
27
PVin1
26
PVin1
31
FB1
30
Comp1
29
PGood1


Similar Part No. - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892MPBF IRF-IR3892MPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTR1PBF IRF-IR3892MTR1PBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3892MTRPBF IRF-IR3892MTRPBF Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - IR3892M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com