Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3871M Datasheet(PDF) 11 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3871M Datasheet HTML 7Page - International Rectifier IR3871M Datasheet HTML 8Page - International Rectifier IR3871M Datasheet HTML 9Page - International Rectifier IR3871M Datasheet HTML 10Page - International Rectifier IR3871M Datasheet HTML 11Page - International Rectifier IR3871M Datasheet HTML 12Page - International Rectifier IR3871M Datasheet HTML 13Page - International Rectifier IR3871M Datasheet HTML 14Page - International Rectifier IR3871M Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
IR3871MPBF
PWM COMPARATOR
The PWM comparator initiates a SET signal
(PWM pulse) when the FB pin falls below the
reference (Vref) or the soft start (SS) voltage.
ON-TIME GENERATOR
The PWM on-time duration is programmed with
an external resistor (R
FF) from the input supply
(VIN) to the FF pin. The simplified calculation for
R
FF is shown in equation 1.
The FF pin is held to
an internal reference after EN goes HIGH. A copy
of the current in R
FF charges a timing capacitor,
which sets the on-time duration, as shown in
equation 2.
CONTROL LOGIC
The control logic monitors input power sources,
sequences the converter through the soft-start
and protective modes, and initiates an internal
RUN signal when all conditions are met.
VCC and 3VCBP pins are continuously monitored,
and the IR3871 will be disabled if the voltage of
either pin drops below the falling thresholds.
EN_DELAY will become HIGH when VCC and
3VCBP are in the normal operating range and the
EN pin = HIGH.
SOFT START
With EN = HIGH, an internal 10µA current source
charges the external capacitor (C
SS) on the SS pin
to set the output voltage slew rate during the soft
start interval. The soft start time (t
SS)
can be
calculated from equation 3.
The feedback voltage tracks the SS pin until SS
reaches the 0.5V reference voltage (Vref), then
feedback is regulated to Vref. C
SS will continue to
be charged, and when SS pin reaches V
SS (see
Electrical Specification), SS_DELAY goes HIGH.
With EN_DELAY = LOW, the capacitor voltage
and SS pin is held to the FB pin voltage. A normal
startup sequence is shown in Figure 18.
CIRCUIT DESCRIPTION
(2)
V
20
1
R
T
IN
FF
ON
pF
V 
(1)
F
20
1
V
R
SW
OUT
FF
pF
V
(3)
A
10
5
.
0
t
SS
V
C
SS
Figure 18. Normal Startup
PGOOD
The PGOOD pin is open drain and it needs to be
externally pulled high. High state indicates that
output is in regulation. The PGOOD logic monitors
EN_DELAY, SS_DELAY, and under/over voltage
fault signals. PGOOD is released only when
EN_DELAY and SS_DELAY = HIGH and output
voltage is within the OV and UV thresholds.
PRE-BIAS STARTUP
IR3871 is able to start up into pre-charged output,
which prevents oscillation and disturbances of the
output voltage.
With constant on-time control, the output voltage
is compared with the soft start voltage (SS) or
Vref, depending on which one is lower, and will
not start switching unless the output voltage drops
below the reference. This scheme prevents
discharge of a pre-biased output voltage.
SHUTDOWN
The IR3871 will shutdown if VCC is below its
UVLO limit. The IR3871 can be shutdown by
pulling the EN pin below its lower threshold.
Alternatively, the output can be shutdown by
pulling the soft start pin below 0.3V.


Similar Part No. - IR3871M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3871M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com