Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3865M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3865M
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3865M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3865M Datasheet HTML 4Page - International Rectifier IR3865M Datasheet HTML 5Page - International Rectifier IR3865M Datasheet HTML 6Page - International Rectifier IR3865M Datasheet HTML 7Page - International Rectifier IR3865M Datasheet HTML 8Page - International Rectifier IR3865M Datasheet HTML 9Page - International Rectifier IR3865M Datasheet HTML 10Page - International Rectifier IR3865M Datasheet HTML 11Page - International Rectifier IR3865M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IR3865MPBF
8
8/8/2012 Rev3.1
TYPICAL APPLICATION CIRCUIT
Demoboard Bill of Materials
Figure 7. Typical Application Circuit for VOUT = 1.05V, Fs = 300kHz
T P7
T P10
EN
V CC
T P23
V OUTS
T P24
P GNDS
C26
op en
C27
op en
V IN
R13
op en
C7
op en
C8
op en
C9
33 0uF
C10
47 uF
C11
op en
C1
1u F
R7
2.80K
R8
2.55K
C12
0.1uF
P GOOD
C24
op en
ISE T
+3 .3V
T P6
P GNDS
T P14
+3 .3V
U1
IR3 865
FCCM
1
SS
6
P GOOD
3
GND1
4
FB
5
NC1
7
ISE T
2
P HA SE
12
C4
0.22u F
V CC
T P4
EN
S W1
E N / FCCM
T P17
P GND
C20
0.1uF
T P26
A GND
V SW
C21
1u F
T P11
P GOOD
R9
op en
L1
1.5uH
R6
op en
T P1
V INS
R4
8.66K
R3
20 0K
C13
op en
C2
22 uF
C16
op en
+ C3
68 uF
T P2
V IN
T P5
P GND
C14
op en
C17
op en
C18
op en
T P16
V CC
FB
R5
10 K
C15
op en
R10
op en
C6
op en
T P18
V OLT A GE S E NS E
R1
10 K
FCCM
IR3865
+3 .3V
R11
20
C22
op en
T P25
B
C25
1u F
V OUT
T P27
A
+3 .3V
T P28
V ID
T P13
SS
V SW
R12
4.99
SS
R2
10 K
C19
op en
Q1
op en
1
P GND
V OUT
C23
op en
QTY REF DESIGNATOR VALUE
DESCRIPTION
MANUFACTURER
PART NUMBER
3
C1, C21, C25
1.00uF
capacitor, X7R, 1.00uF, 25V, 0.1, 0603
Murata
GRM188R71E105KA12D
1
C10
47uF
capacitor, 47uF, 6.3V, 805
TDK
C2012X5R0J476M
2
C12, C20
0.100uF
capacitor, X7R, 0.100uF, 25V, 0.1, 603
TDK
C1608X7R1E104K
1
C2
22.0uF
capacitor, X5R, 22.0uF, 16V, 20%, 1206
Taiyo Yuden
EMK316BJ226ML-T
1
C3
68uF
capacitor, electrolytic, 68uF, 25V, 0.2, SMD
Panasonic
EEV-FK1E680P
1
C4
0.22uF
capacitor, X5R, 0.22uF, 10V, 0.1, 0603
TDK
C1608X5R1A224K
1
C9
330uF
capacitor, electrolytic, 330uF, 2.5V, 0.2, 7343
Sanyo
2R5TPE330M9
1
L1
1.5uH
inductor, ferrite, 1.5uH, 16.0A, 3.8mOhm, SMT
Cyntec
PIMB104T-1R5MS-39
3
R1, R2, R5
10.0K
resistor, thick film, 10.0K, 1/10W, 0.01, 0603
KOA
RK73H1J1002F
1
R11
20
resistor, thick film, 20, 1/10W, 0.01, 603
KOA
RK73H1JLTD20R0F
1
R12
4.99
resistor, thick film, 4.99, 1/10W, 0.01, 603
Vishay/Dale
CRCW06034R99FNEA
1
R3
200K
resistor, thick film, 200K, 1/10W, 0.01, 603
KOA
RK73H1JLTD2003F
1
R4
8.66K
resistor, thick film, 8.66K, 1/10W, 0.01, 603
KOA
RK73H1JLTD8661F
1
R7
2.80K
resistor, thick film, 2.80K, 1/10W, 0.01, 603
KOA
RK73H1JLTD2801F
1
R8
2.55K
resistor, thick film, 2.55K, 1/10W, 0.01, 0603
KOA
RK73H1JLTD2551F
1
SW1
SPST
switch, DIP, SPST, 2 position, SMT
C&K Components
SD02H0SK
1
U1
IR3865
4mm X 5mm QFN
IRF
IR3865MTRPBF


Similar Part No. - IR3865M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3865M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com