Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3863M Datasheet(PDF) 4 Page - International Rectifier

Part # IR3863M
Description  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3863M Datasheet(HTML) 4 Page - International Rectifier

  IR3863M Datasheet HTML 1Page - International Rectifier IR3863M Datasheet HTML 2Page - International Rectifier IR3863M Datasheet HTML 3Page - International Rectifier IR3863M Datasheet HTML 4Page - International Rectifier IR3863M Datasheet HTML 5Page - International Rectifier IR3863M Datasheet HTML 6Page - International Rectifier IR3863M Datasheet HTML 7Page - International Rectifier IR3863M Datasheet HTML 8Page - International Rectifier IR3863M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
IR3863MPBF
8/8/2012 Rev3.2
Pin Description
NAME
NUMBER
I/O
LEVEL
DESCRIPTION
FCCM
1
3.3V
Forced Continuous Conduction Mode (CCM). Ground this pin
to enable diode emulation mode or discontinuous conduction
mode (DCM). Pull this pin to 3.3V to operate in CCM under all
load conditions.
ISET
2
Connecting resistor to PHASE pin sets over current trip point.
PGOOD
3
5V
Power good open drain output
– pull up with a resistor to 3.3V
GND
4,17
Reference
Bias return and signal reference.
FB
5
3.3V
Inverting input to PWM comparator, OVP / PGOOD sense.
SS
6
3.3V
Soft start/shutdown. This pin provides user programmable soft-
start function. Connect an external capacitor from this pin to
GND to set the startup time of the output voltage. The converter
can be shutdown by pulling this pin below 0.3V.
NC
7
-
-
3VCBP
8
3.3V
For internal LDO. Bypass with a 1.0µF capacitor to AGND. A
resistor in series with the bypass capacitor may be required in
single-ground plane designs. Refer to Layout
Recommendations for details.
NC
9
-
-
VCC
10
5V
VCC input. Gate drive supply. A minimum of 1.0µF ceramic
capacitor is required.
PGND
11
Reference
Power return.
PHASE
12
VIN
Phase node (or switching node) of MOSFET half bridge.
VIN
13
VIN
Input voltage for the system.
BOOT
14
VIN +VCC
Bootstrapped gate drive supply
– connect a capacitor to
PHASE.
FF
15
VIN
Input voltage feed forward
– sets on-time with a resistor to VIN.
EN
16
5V
Enable pin to turn on and off the device. Use two external
resistors to set the turn on threshold (see Electrical
Specifications) for input voltage monitoring.


Similar Part No. - IR3863M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MTRPBF IRF-IR3863MTRPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3863M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com