Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3863M Datasheet(PDF) 1 Page - International Rectifier

Part # IR3863M
Description  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3863M Datasheet(HTML) 1 Page - International Rectifier

  IR3863M_15 Datasheet HTML 1Page - International Rectifier IR3863M_15 Datasheet HTML 2Page - International Rectifier IR3863M_15 Datasheet HTML 3Page - International Rectifier IR3863M_15 Datasheet HTML 4Page - International Rectifier IR3863M_15 Datasheet HTML 5Page - International Rectifier IR3863M_15 Datasheet HTML 6Page - International Rectifier IR3863M_15 Datasheet HTML 7Page - International Rectifier IR3863M_15 Datasheet HTML 8Page - International Rectifier IR3863M_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
PD-97605
IR3863MPBF
8/8/2012 Rev3.2
1
Applications
Notebook and Desktop Computers
Game Consoles
Consumer Electronics
– STB, LCD, TV, Printers
General Purpose POL DC-DC Converters
Description
The IR3863 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC voltage
regulator.
The
onboard
constant
on-time
hysteretic controller and MOSFETs make IR3863
a space-efficient solution that delivers up to 6A of
precisely controlled output voltage.
Programmable switching frequency, soft start,
and
thermally
compensated
over
current
protection allows for a very flexible solution
suitable for many different applications and an
ideal choice for battery powered applications.
Additional features include pre-bias startup, very
precise 0.5V reference, over/under voltage shut
down, power good output, and enable input with
voltage monitoring capability.
6A HIGHLY INTEGRATED
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Features
Input Voltage Range: 3V to 21V
Output Voltage Range: 0.5V to 12V
Continuous 6A Load Capability
Constant On-Time Control
Compensation Loop not Required
Excellent Efficiency at Very Low Output Currents
Programmable Switching Frequency and Soft
Start
Thermally Compensated Over Current
Protection
Power Good Output
Precision Voltage Reference (0.5V, +/-1%)
Enable Input with Voltage Monitoring Capability
Pre-bias Start Up
Thermal Shut Down
Under/Over Voltage Fault Protection
Forced Continuous Conduction Mode Option
Very Small, Low Profile 4mm x 5mm QFN
Package


Similar Part No. - IR3863M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MTRPBF IRF-IR3863MTRPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3863M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com