Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3856WM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3856WM
Description  HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3856WM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3856WM_15 Datasheet HTML 7Page - International Rectifier IR3856WM_15 Datasheet HTML 8Page - International Rectifier IR3856WM_15 Datasheet HTML 9Page - International Rectifier IR3856WM_15 Datasheet HTML 10Page - International Rectifier IR3856WM_15 Datasheet HTML 11Page - International Rectifier IR3856WM_15 Datasheet HTML 12Page - International Rectifier IR3856WM_15 Datasheet HTML 13Page - International Rectifier IR3856WM_15 Datasheet HTML 14Page - International Rectifier IR3856WM_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev 9.0
11
PD-97506
IR3856WMPbF
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=1A-6A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
80
82
84
86
88
90
92
94
96
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Load Current (A)
0.7Vout
0.75Vout
0.9Vout
1.0Vout
1.1Vout
1.2Vout
1.5Vout
1.8Vout
2.5Vout
3.3Vout
Vo (V)
L (uH)
P/N
DCR (mOhm)
0.7
0.56
IHLP2525EZERR56M
3.4
0.75
0.56
IHLP2525EZERR56M
3.4
0.9
0.56
IHLP2525EZERR56M
3.4
1.0
0.56
IHLP2525EZERR56M
3.4
1.1
0.68
PCMB065T-R68MS
3.9
1.2
0.68
PCMB065T-R68MS
3.9
1.5
0.68
PCMB065T-R68MS
3.9
1.8
0.82
IHLP2525EZERR82M
4.6
2.5
0.82
IHLP2525EZERR82M
4.6
3.3
0.82
IHLP2525EZERR82M
4.6


Similar Part No. - IR3856WM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMTR1PBF IRF-IR3856WMTR1PBF Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMTRPBF IRF-IR3856WMTRPBF Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3856WM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856M IRF-IR3856M_15 Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com