Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT4016_CNV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC_HCT4016_CNV
Description  Quad bilateral switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4016_CNV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT4016_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT4016_CNV_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
December 1990
8
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4016
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max.
min.
max.
VIH
HIGH level input
voltage
1.5
3.15
4.2
6.3
1.2
2.4
3.2
4.3
1.5
3.15
4.2
6.3
1.5
3.15
4.2
6.3
V
2.0
4.5
6.0
9.0
VIL
LOW level input
voltage
0.8
2.1
2.8
4.3
0.50
1.35
1.80
2.70
0.50
1.35
1.80
2.70
0.50
1.35
1.80
2.70
V
2.0
4.5
6.0
9.0
±I
I
input leakage
current
0.1
0.2
1.0
2.0
1.0
2.0
µA
6.0
10.0
VCC
or
GND
±I
S
analog switch
OFF-state current
per channel
0.1
1.0
1.0
µA
10.0
VIH
or
VIL
VS =
VCC − GND
(see Fig.7)
±I
S
analog switch
ON-state current
0.1
1.0
1.0
µA
10.0
VIH
or
VIL
VS =
VCC − GND
(see Fig.8)
ICC
quiescent supply
current
2.0
4.0
20.0
40.0
40.0
80.0
µA
6.0
10.0
VCC
or
GND
Vis = GND or
VCC;Vos =
VCC or GND
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max. min. max.
min.
max.
tPHL/ tPLH
propagation
delay
Vis to Vos
17
6
5
4
60
12
10
8
75
15
13
10
90
18
15
12
ns
2.0
4.5
6.0
9.0
RL = ∞;CL = 50 pF
(see Fig.16)
tPZH/ tPZL
turn “ON” time
En to Vos
52
19
15
11
190
38
32
28
240
48
41
35
235
57
48
42
ns
2.0
4.5
6.0
9.0
RL =1 kΩ;CL = 50 pF
(see Figs 17 and 18)
tPHZ/ tPLZ
turn “OFF” time
En to Vos
47
17
14
13
145
29
25
22
180
36
31
28
220
44
38
33
ns
2.0
4.5
6.0
9.0
RL =1 kΩ;CL = 50 pF
(see Figs 17 and 18)


Similar Part No. - 74HC_HCT4016_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4052 PHILIPS-74HC_HCT4052_15 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
74HC_HCT4053 PHILIPS-74HC_HCT4053_15 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
More results

Similar Description - 74HC_HCT4016_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com