Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3043 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3043
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3043 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3043 Datasheet HTML 1Page - Maxim Integrated Products MAX3043 Datasheet HTML 2Page - Maxim Integrated Products MAX3043 Datasheet HTML 3Page - Maxim Integrated Products MAX3043 Datasheet HTML 4Page - Maxim Integrated Products MAX3043 Datasheet HTML 5Page - Maxim Integrated Products MAX3043 Datasheet HTML 6Page - Maxim Integrated Products MAX3043 Datasheet HTML 7Page - Maxim Integrated Products MAX3043 Datasheet HTML 8Page - Maxim Integrated Products MAX3043 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OUTPUT LOW VOLTAGE (V)
5
4
-6 -5 -4
-2 -1 0
1
2
-3
3
10
20
30
40
50
60
70
80
0
-7
6
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT HIGH VOLTAGE
0.7
0.8
1.0
0.9
1.1
1.2
020
10
30
40
50
60
70
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.25V
VCC = 5V
VCC = 4.75V
NO LOAD
NO SWITCHING
100
1000
0
10
5
15
20
25
35
30
40
45
0.1
1
10
MAX3040/MAX3043
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
40
0
0.1
1
10
100
1000
10,000
MAX3041/MAX3044
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
10
5
20
15
35
30
25
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
MAX3042B/MAX3045B
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
0.1
100
1000 10,000
1
10
100,000
60
0
10
20
30
50
40
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
0
20
10
40
30
60
50
70
04
26
8
10
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
20
10
40
30
60
50
70
02
13
4
5
OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
2.10
2.20
2.15
2.35
2.30
2.25
2.50
2.45
2.40
2.55
020
30
10
40
50
60
70
TRANSMITTER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
RDIFF = 54


Similar Part No. - MAX3043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV++ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX3043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com