Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT423 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC_HCT423
Description  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT423 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC_HCT423_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 14Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
74HC_HCT423
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 19 December 2011
11 of 24
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Pulse widths, propagation delays from inputs (nA, nB, nRD) to outputs (nQ, nQ) and
output transition times
001aah911
nB input
VI
GND
VOH
VOL
VOH
VOL
VI
GND
VI
GND
tW
tW
tPLH
VM
VM
VY
VY
VX
VX
VM
tW
tTLH
tTHL
tPLH
tTHL
tPHL
tPHL (reset)
VM
tW
nA input
nRD input
nQ output
nQ output
VM
tW
tPLH (reset)
tPHL
tPHL
tTLH
tPLH
Table 8.
Measurement points
Type
Input
Output
VI
VM
VM
VX
VY
74HC423
VCC
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT423
3 V
1.3 V
1.3 V
0.1VCC
0.9VCC


Similar Part No. - 74HC_HCT423_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
   BCD to decimal decoder (1-of-10)
December 1990
More results

Similar Description - 74HC_HCT423_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com