Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3846M Datasheet(PDF) 6 Page - International Rectifier

Part # IR3846M
Description  Enhanced line/load regulation with Feed-Forward
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3846M Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3846M_15 Datasheet HTML 2Page - International Rectifier IR3846M_15 Datasheet HTML 3Page - International Rectifier IR3846M_15 Datasheet HTML 4Page - International Rectifier IR3846M_15 Datasheet HTML 5Page - International Rectifier IR3846M_15 Datasheet HTML 6Page - International Rectifier IR3846M_15 Datasheet HTML 7Page - International Rectifier IR3846M_15 Datasheet HTML 8Page - International Rectifier IR3846M_15 Datasheet HTML 9Page - International Rectifier IR3846M_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
IR3846
6
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback June 18, 2015
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
SYMBOL
DEFINITION
MIN
MAX
UNIT
PVin
Input Bus Voltage *
1.5
21
V
Vin
Supply Voltage
5.0
21
VCC
Supply Voltage **
4.5
7.5
Boot to SW
Supply Voltage
4.5
7.5
VO
Output Voltage
0.6
0.86 PVin
IO
Output Current
0
±35
A
Fs
Switching Frequency
300
1500
kHz
TJ
Junction Temperature
-40
125
°C
*
SW node must not exceed 25V
**
When VCC is connected to an externally regulated supply, also connect Vin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specification apply over, 1.5V < PVin < 21V, 4.5V< VCC < 7.5V, 0
oC < T
J <
125
oC.
Typical values are specified at TA = 25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Loss
Power Loss
PLOSS
Vin = PVin = 12V, VO =
1.2V, IO = 35A, Fs =
600kHz, L=0.250uH,
TA = 25°C, Note 4
5.3
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot – VSW = 6.8V,
ID = 35A, Without Cu
Clip, Tj = 25°C
3.1
4
mΩ
Bottom Switch
Rds(on)_Bot
VCC =6.8V, ID = 35A,
With Cu Clip,
Tj = 25°C
1.27
1.64
Reference Voltage
Feedback Voltage
VFB
0.6
V
Accuracy
Vref=0.6V,
0°C < Tj < 105°C
-0.5
+0.5
%
Vref=0.6V,
-40°C < Tj < 125°C
-1.0
+1.0
Sink Current
Isink_Vref
Vref=0.7V
12.7
16.0
19.3
µA
Source Current
Isrc_Vref
Vref=0.5V
12.7
16.0
19.3
Vref Comparator Threshold
Vref_disable
Vref Pin connected
externally
0.15
V
Vref_enable
0.4
V


Similar Part No. - IR3846M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846MPBF IRF-IR3846MPBF Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3846MTRPBF INFINEON-IR3846MTRPBF Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
More results

Similar Description - IR3846M_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
   Good Line and Load Regulation
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
   Line regulation
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
logo
STMicroelectronics
L7985 STMICROELECTRONICS-L7985 Datasheet
1Mb / 42P
   Voltage feed-forward
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
   Voltage feed-forward
April 2011 Rev 1
A5975D STMICROELECTRONICS-A5975D Datasheet
1Mb / 50P
   Voltage feed-forward
April 2011Rev 1
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com