Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC_HCT138 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HC_HCT138
Description  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT138 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC_HCT138_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT138_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC138; 74HCT138 decodes three binary weighted address inputs (A0, A1 and A2)
to eight mutually exclusive outputs (Y0 to Y7). The device features three enable inputs
(E1, E2 and E3). Every output will be HIGH unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion to a 1-of-32 (5 to 32 lines)
decoder with just four ‘138’ ICs and one inverter. The ‘138’ can be used as an eight output
demultiplexer by using one of the active LOW enable inputs as the data input and the
remaining enable inputs as strobes. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Complies with JEDEC standard no. 7A
Input levels:
For 74HC138: CMOS level
For 74HCT138: TTL level
Demultiplexing capability
Multiple input enable for easy expansion
Ideal for memory chip select decoding
Active LOW mutually exclusive outputs
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Ordering information
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
Rev. 5 — 26 January 2015
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC138N
40 Cto+125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT138N
74HC138D
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74 HCT138D
74HC138DB
40 Cto+125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT138DB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn