Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-6W6806-4H01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-6W6806-4H01
Description  Intel짰 Atom??D525 System with 6 ISA Expansions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-6W6806-4H01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-6W6806-4H01_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-6W6806-4H01_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
Features
SYS-6W6806-4H01 Intel®Atom™D525Systemwith
6 ISA Expansions
Specifications
Processor System
CPU
Intel Atom D525
Speed
1.8 GHz
L2 Cache
1 MB
Chipset
Intel ICH8M
BIOS
AMI 16Mb SPI Flash
Memory
Technology
Single channel DDR2 667/800 MHz
Max. Cap.
max 2 GB SODIMM
Socket
200-pin DIMM x 1
Graphics
On board
Embedded Gen3.5+ GFX Core technology, Direct X 9/Pixel Shader 2.0 compliant
VRAM
Shared 224 MB
Video Interface
15-pin VGA D-sub connector x1/Onboard LVDS pin header x 1 (supports single channel 18-bit LVDS)
Video Output
VGA: Supports up to SXGA 1400 x 1050 @ 60 Hz for N SKU, up to 2048 x 1536 @ 60 Hz for D SKU
LVDS: Supports 18-bit single channel and up to WXGA 1366 x 768 or 1280 x 800 for both N and D SKUs
Dual Display: VGA + LVDS, supports extended mode and clone mode for both N and D SKUs
Expansion Slot
ISA
6
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN1: Intel 82567V
Storage
3.5"
2 (1 Front-accessible, 1 Internal)
Front I/O Interface
USB
2
Rear I/O Interface
USB 2.0
8 ports on the SHB
Serial
Two RS-232 onboard pin-headers, plus four ports of RS-485 with auto-flow control by module
(optional, Advantech P/N: PCA-COM485-00A1E)
Parallel
1 (EPP/ECP)
GPIO
1 (8-bit)
FDD
1
PS/2
1 (for mouse and keyboard, a Y cable is included in the package)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 1~255 sec/min
Power Supply
Output Rating
250W
Input Voltage
AC 100 ~ 240 V (full range)
Cooling
Fan
1 (9cm / 53 CFM)
Air Filter
Yes
Miscellaneous
LED Indicators
Power and HDD
Control
Power switch and system reset button
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
166 x 170 x 393 mm (6.5" x 6.7" x 15.4")
Weight
6.3 kg (13.9 lb)
ƒ Intel® Atom™ ICH8M Platform
- Dual Core™ high performance D525 CPU
- Maximum 2 GB DDR2 667/800 memory
- Optional module for 4 x RS-485 w/auto-flow control
ƒ Expansion Capability
- 6 ISA
- Two 3.5" Shock-resistant Drive Bay
ƒ Thoughtful and Management Design
- Two front access USB ports
- Easy maintain system fan and filter
- 250W power supply
RoHS
COMPLIANT
2002/95/EC
Thermal
Optimized
Long Life
Cycle
7
5years
Remote
Mgmt.
Power
Optimized
All product specifications are subject to change without notice
Last updated : 16-Oct-2014


Similar Part No. - SYS-6W6806-4H01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-6W6806-3H01 ADVANTECH-SYS-6W6806-3H01 Datasheet
378Kb / 2P
   6-slot Intel짰 Core??2 Duo PICMG 1.3 Half-size SBC System
More results

Similar Description - SYS-6W6806-4H01_14

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
ITA-1610-00A1E ADVANTECH-ITA-1610-00A1E Datasheet
610Kb / 2P
   Intel짰 Atom??D525 Compact System with Dual GigaLAN and Dual Display
ITA-2210-00AE ADVANTECH-ITA-2210-00AE Datasheet
716Kb / 2P
   Intel짰 Atom??D525 2U Fanless Rackmount System with 3 ITAM Module
logo
AAEON Technology
HSB-525I AAEON-HSB-525I Datasheet
276Kb / 2P
   ISA Half-Size SBC With Intel Atom D525 Processor
logo
List of Unclassifed Man...
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
logo
List of Unclassifed Man...
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
Advantech Co., Ltd.
ITA-1910-00A1E ADVANTECH-ITA-1910-00A1E Datasheet
540Kb / 2P
   Intel짰 Atom??D525 AFC System with Dual GigaLAN, 16 COM ports and Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com