Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SYS-6W6606-4F01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. SYS-6W6606-4F01
Description  Intel® Core™ 2 Quad Wallmount/ Desktop PICMG1.0 System with 5 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

SYS-6W6606-4F01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
Features
SYS-6W6606-4F01
Intel® Core™ 2 Quad Wallmount/
Desktop PICMG1.0 System with
5 Expansion Slots
Specifications
Processor System
CPU (45nm/65nm)
Intel Core 2 Quad
Intel Core 2 Duo
Intel Pentium
Intel Celeron
Max Speed
Q9650 3.0 GHz
E8500 3.16 GHz
E6500 2.93 GHz
E1500 2.2 GHz
L2 Cache
12 MB
6 M
8 M
512 KB
Chipset
Intel G41 + ICH7/ICH7R (only for G2 SKU)
BIOS
AMI 16 Mb SPI Flash
FSB
800/1066/1333 MHz
Memory
Technology
Dual-channel DDR3 800/1066 MHz DIMMs
Max. Cap.
8 GB
Socket
240-pin DIMM x 2
Graphics
Controller
Intel Graphics Media Accelerator X4500
Video Output
15-Pin VGA D-sub Connector x1/DVI connector x1 (optional)
Expansion Slot
PCI
3
ISA
2
Ethernet
Interface
10/100/1000 Mbps
Controller
Intel 82583 V
Storage
5.25"
1
3.5"
2 (1 front-accessible, 1 internal)
Front I/O Interface
USB
2
Rear I/O Interface
USB 2.0
6 ports by pin header/1 port on bracket I/O
Serial
2 RS-232 on board pin-headers, plus for ports of RS-485 with auto-flow control by module
(optional, Advantech P/N: PCA-COM485-00A1E)
Parallel
1 (EPP/ECP/SPP)
FDD
1
PS/2
1 (for mouse and keyboard, Y cable is included in the package)
Watchdog Timer
Output
System reset
Interval
Programmable, 1~255 sec/min
Power Supply
Output Rating
300W
Input Voltage
100 ~ 240 VAC
Cooling
Fan
1 (9 cm / 53 CFM)
Air Filter
Yes
Miscellaneous
LED Indicators
Power and HDD
Control
Power switch and reset button
Environment
Temperature
0 ~ 40° C (32 ~ 104° F), operating
Humidity
10 ~ 85% @ 40° C, non-condensing
Physical Characteristics
Dimensions (W x H x D)
173 x 254 x 396 mm (6.8" x 10" x 15.6")
Weight
9 kg (19.8 lb)
ƒ Intel® G41+ICH7R Platform
- Intel® Core™2 Quad FSB 1333 MHz processors ( LGA 775)
- Dual Channel DDR3 1066 SDRAM up to 8 GB
- 2 COM ports, 4 SATA ports, 8 USB ports
ƒ Expansion Capability
- 3 PCI, 2 ISA
- One 5.25" ODD and Two 3.5" Shock-resistant Drive Bay
ƒ Thoughtful and Management Design
- Intelligent remote manageability
- Two front access USB ports
- Bidirectional to mount chassis on wall or workbench
- Easy maintain system fan and filter
- 300W 80 plus power supply
RoHS
COMPLIANT
2002/95/EC
Thermal
Optimized
Long Life
Cycle
7
5years
Remote
Mgmt.
Power
Optimized
All product specifications are subject to change without notice
Last updated : 16-Oct-2014


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn