Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SYS-6W6606-4F01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. SYS-6W6606-4F01
Description  Intel® Core™ 2 Quad Wallmount/ Desktop PICMG1.0 System with 5 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

SYS-6W6606-4F01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
SYS-6W6606-4F01
Ordering Information
Please visit Advantech eStore for order entry
http://buy.advantech.com/
System Content
Item
P/N
Chassis
IPC-6606BP-00XE
Motherboard
PCA-6011G2-00A1E
Backplanes
PCA-6106P3-0D2E
Power Supply
PS8-300ATX-ZBE (ATX, PFC)
Installation
Dimensions
Unit: mm [inch]
Unit: mm [inch]
Front View
Inside View
One 3.5"
drive bay
Power LED
HDD LED
System
reset button
Power switch
One 53 CFM
cooling fan
One 5.25"
drive bay
Power supply
One internal
3.5" drive bay
Rubber-buffered
hold-down clamp
Two USB ports
173.0
[6.8"]
401.0
[15.8”]
396.0
[15.6”]
POWER
SUPPLY
305.06
356.20
149.00
91.14
253.92
51.14
16.90
51.14
42.47


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn