Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-4U4340-4F01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SYS-4U4340-4F01
Description  4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 11 Expansion Slots, Front USB3.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4340-4F01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SYS-4U4340-4F01_14 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4340-4F01_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
SYS-4U4340-4F01
Ordering Information
Please visit Advantech eStore for order entry
http://buy.advantech.com/
System Content
Item
P/N
Chassis
ACP-4340BP-00XE
Motherboard
PCE-5128G2-00A1E
Backplanes
PCE-5B12-07A1E
Power Supply
PS8-400ATX-ZE (ATX, PFC)
Front-accessible
fan without
opening top cover
USB x2
Switch Buttons
LED indicators
Slim optical drive bay
Hot-swap HDD tray x4
Front View
Rear View
*Note: Backplane, SBC, motherboard, and power supply are not included.
492.30 [19.4]
92 [3.6]92 [3.6]92 [3.6] 98 [3.9]
477.40 [18.8]
101.60 [4.0]
177 [7.0]


Similar Part No. - SYS-4U4340-4F01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-4U4340-4S01 ADVANTECH-SYS-4U4340-4S01_14 Datasheet
1Mb / 2P
   4U LGA 1150 Intel짰 Xeon짰 E3 V3 Server with Gen 3.0 PCIe, Front USB3.0
More results

Similar Description - SYS-4U4340-4F01_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
SYS-4U4000-4F02 ADVANTECH-SYS-4U4000-4F02_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 12 Expansion Slots
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
SYS-4U510-4A03 ADVANTECH-SYS-4U510-4A03 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
SYS-8W6608-4F01 ADVANTECH-SYS-8W6608-4F01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount PICMG1.0 System with 7 Expansion Slots
SYS-4U4020-4H01 ADVANTECH-SYS-4U4020-4H01_14 Datasheet
1Mb / 2P
   Compact Short-depth 4th Gen Intel짰 Core??i7/i5/i3 PICMIC1.3 System with 11 Expansion Slots,Front USB 3.0
SYS-7W7130-4A01 ADVANTECH-SYS-7W7130-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Wallmount/Desktop ATX System with 7 Expansion Slots
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
Lanner All Rights Reser...
LEC-2284 LANNER-LEC-2284 Datasheet
2Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com