Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3130 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3130
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3130 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
_______________________________________________________________________________________
5
1.0
2.0
1.5
3.0
2.5
3.5
4.0
040
20
60
80
100
RXD OUTPUT PULSE WIDTH vs. DISTANCE
(115.2 kbps)
DISTANCE (cm)
TRANSMITTER POWER = 200mW/sr
INPUT PULSE WIDTH = 1.63
µs
TEMIC BPV22NF
VCC = 3.3V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
VOUT+
1 TRANSMITTER AT 235kbps
1 TRANSMITTER AT 15kbps
VOUT-
0
4
2
8
6
10
12
16
14
18
0
1000
2000
3000
4000
5000
RS-232 TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-SLEW
+SLEW
0
5
10
15
20
25
30
35
40
0
SUPPLY CURRENT vs. LOAD CAPACITANCE
(RS-232 TRANSMITTING)
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
235kbps
1 TRANSMITTER DRIVEN ONLY
120kbps
20kbps
2V/div
2V/div
RXD OUTPUT
vs. INFRARED INPUT
MAX3130 toc11
2
µs/div
RXD
OUTPUT
INFRARED
INPUT
VCC = 3.3V, 115.2kbps AT 1cm DISTANCE
TEMIC BPV22NF
TRANSMIT POWER 200mW/sr
2V/div
2V/div
RXD OUTPUT
vs. INFRARED INPUT
MAX3130 toc12
100
µs/div
RXD
OUTPUT
INFRARED
INPUT
VCC = 3.3V, 2400bps AT 1cm DISTANCE
TEMIC BPV22NF
TRANSMIT POWER 200mW/sr
Typical Operating Characteristics (continued)
(VCC = AVCC = 3.3V, GND = AGND = PGND, C1–C4 = 0.1µF, RL = 3kΩ, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn