Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3130 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3130
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3130 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µA
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = AVCC = 3.0V to 5.5V, GND = AGND = PGND, C1–C4 = 0.1µF (Note 1), TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C and VCC = AVCC = 3.3V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
AVCC to AGND .........................................................-0.3V to +6V
VCC to AVCC .......................................................................±0.3V
AGND, PGND to GND ........................................................±0.1V
V+ to GND ................................................................-0.3V to +7V
V- to GND .................................................................+0.3V to -7V
V+ to V- ................................................................................+13V
Inputs (referenced to GND)
T1IN, T2IN, TXD, RSSD, IRMODE, BAUD16,
IRSD....................................................................-0.3V to +6V
R1IN, R2IN .....................................................................±25V
Outputs (referenced to GND)
T1OUT, T2OUT............................................................±13.2V
R1OUT, R2OUT, EDGEDET, RXD.........-0.3V to (VCC + 0.3V)
LEDC...................................................................-0.3V to +6V
Output Short-Circuit Duration (to VCC or GND)
T1OUT, T2OUT .....................................................Continuous
Output Currents
LEDC Continuous ........................................................200mA
LEDC 20% Duty Cycle tON < 90µs..............................500mA
Input Current
PINC ..............................................................................10mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 9.52mW/°C above +70°C) ...................762mW
Operating Temperature Ranges
MAX3130/MAX3131CAI ....................................0°C to +70°C
MAX3130/MAX3131EAI..................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
±0.01
±1.0
2.4
120
200
Output Voltage Low
ISINK = 1.6mA
0.25
1.0
0.1
0.4
V
Output Voltage High
ISOURCE = 1.0mA
VCC -VCC -
0.6
0.05
V
2.0
0.8
1.0
10
0.01
1.0
MIN
TYP
MAX
Data Rate
(Note 3)
µA
VIN = 0 to VCC
Input Leakage Current
2.4
115.2
VCC = AVCC = 5V
kbps
Equivalent Input Noise Current
10
nARMS
Input Current Sensitivity
(Note 3)
0.0002
6
mA
Ambient Photodiode Current
Rejection
AVCC = 3.3V
100
AVCC = 5V
375
µA
V
VCC = AVCC = 3.3V
Input Logic Threshold High
V
Input Logic Threshold Low
µA
TA = +25°C (Note 2)
Analog Power-Supply Current
mA
VCC = 3.3V or 5V, TA = +25°C (Note 2)
Power-Supply Current
RSSD = low or IRMODE = low,
TA = +25°C (Note 2)
Shutdown Supply Current
µA
µA
IRSD = low, TA = +25°C (Note 2)
Shutdown Analog Supply Current
UNITS
CONDITIONS
PARAMETER
LOGIC INPUTS (T1IN, T2IN, TXD, IRMODE, BAUD16, IRSD, RSSD)
DC CHARACTERISTICS
LOGIC OUTPUTS (R1OUT, R2OUT, RXD, EDGEDET)
IR RECEIVER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn